Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2651 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16V2651
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2651 Datasheet(HTML) 1 Page - Exar Corporation

  XR16V2651_07 Datasheet HTML 1Page - Exar Corporation XR16V2651_07 Datasheet HTML 2Page - Exar Corporation XR16V2651_07 Datasheet HTML 3Page - Exar Corporation XR16V2651_07 Datasheet HTML 4Page - Exar Corporation XR16V2651_07 Datasheet HTML 5Page - Exar Corporation XR16V2651_07 Datasheet HTML 6Page - Exar Corporation XR16V2651_07 Datasheet HTML 7Page - Exar Corporation XR16V2651_07 Datasheet HTML 8Page - Exar Corporation XR16V2651_07 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16V2651
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
MAY 2007
REV. 1.0.2
GENERAL DESCRIPTION
The XR16V26511 (V2651) is a high performance dual
universal asynchronous receiver and transmitter
(UART) with 32 byte TX and RX FIFOs. The device
operates from 2.25 to 3.6 volts with 5 Volt tolerant
inputs and is pin-to-pin and software compatible to
Exar’s XR16V2551 and XR16L2551. The device
includes
2
additional
capabilities
over
the
XR16V2650: Intel and Motorola data bus selection
and a “PowerSave” mode to further reduce sleep
current to a minimum during sleep mode. It supports
the Exar’s enhanced features of selectable FIFO
trigger level, automatic hardware (RTS/CTS) and
software flow control, and a complete modem
interface. An internal loopback capability allows
system diagnostics. Independent programmable
fractional baud rate generators are provided in each
channel to select data rates up to 16 Mbps at 3.3 Volt
and 4X sampling clock. The V2651 is available in 48-
pin TQFP and 32-pin QFN packages.
NOTE: 1 Covered by U.S. Patent #5,649,122
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
2.25 to 3.6 Volt Operation
5 Volt Tolerant Inputs
Pin-to-pin compatible to Exar’s XR16L2751 in the
48-TQFP package
Two independent UART channels
Register set identical to 16V2650
Data rate of up to 16 Mbps at 3.3 V, and 12.5
Mbps at 2.5 V with 4X sampling rate
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 32 bytes
Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Automatic sleep mode with wake-up interrupt
Full modem interface
PowerSave Feature reduces sleep current to 15 µA
Device Identification and Revision
Crystal oscillator (up to 32MHz) or external clock
(up to 64MHz) input
48-TQFP and 32-QFN packages
FIGURE 1. XR16V2651 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
Intel or
Motorola
Data Bus
Interface
UART Channel A
32 Byte TX FIFO
32 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.25 to 3.6V VCC
GND
*5 Volt Tolerant Inputs
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA# (CS#)
16/68#
CSB# (A3)
INTA (IRQ#)
INTB (logic 0)
PwrSave
IOW# (R/W#)
IOR# (VCC)
Reset (Reset#)
CLKSEL
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#


Similar Part No. - XR16V2651_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651IL32 EXAR-XR16V2651IL32 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651IM EXAR-XR16V2651IM Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16V2651_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com