Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2551 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16V2551
Description  HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2551 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16V2551 Datasheet HTML 2Page - Exar Corporation XR16V2551 Datasheet HTML 3Page - Exar Corporation XR16V2551 Datasheet HTML 4Page - Exar Corporation XR16V2551 Datasheet HTML 5Page - Exar Corporation XR16V2551 Datasheet HTML 6Page - Exar Corporation XR16V2551 Datasheet HTML 7Page - Exar Corporation XR16V2551 Datasheet HTML 8Page - Exar Corporation XR16V2551 Datasheet HTML 9Page - Exar Corporation XR16V2551 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
XR16V2551
6
HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
REV. 1.0.2
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
16/68#
17
24
I
Intel or Motorola Bus Select.
When 16/68# pin is HIGH, 16 or Intel Mode, the device will operate in the Intel bus
type of interface.
When 16/68# pin is LOW, 68 or Motorola mode, the device will operate in the
Motorola bus type of interface.
CLKSEL
-
25
I
Baud-Rate-Generator Input Clock Prescaler Select for channel A and B. This input
is only sampled during power up or a reset. Connect to VCC for divide by 1 and
GND for divide by 4. MCR[7] can override the state of this pin following a reset or
initialization. See MCR bit-7 and
Figure 5 in the Baud Rate Generator section.
RESET
(RESET#)
24
36
I
When 16/68# pin is HIGH for Intel bus interface, this input becomes RESET (active
high). When 16/68# pin is LOW for Motorola bus interface, this input becomes
RESET# (active low).
A 40 ns minimum active pulse on this pin will reset the internal registers and all out-
puts of channel A and B. The UART transmitter output will be held HIGH, the
receiver input will be ignored and outputs are reset during reset period (see
Table 16).
VCC
26
42
Pwr 2.25V to 3.6V power supply. All input pins are 5V tolerant.
GND
13
17
Pwr Power supply common, ground.
GND
Center
Pad
N/A
Pwr The center pad on the backside of the 32-QFN package is metallic and should be
connected to GND on the PCB. The thermal pad size on the PCB should be the
approximate size of this center pad and should be solder mask defined. The solder
mask opening should be at least 0.0025" inwards from the edge of the PCB ther-
mal pad.
NC
-
37
-
No connection.
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2551

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551IL32 EXAR-XR16V2551IL32 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551IM EXAR-XR16V2551IM Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
More results

Similar Description - XR16V2551

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16M2551 EXAR-XR16M2551 Datasheet
1Mb / 51P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com