Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFL024-5 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFL024-5
Description  10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFL024-5 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFL024-5 Datasheet HTML 1Page - Solid States Devices, Inc SFL024-5 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SFL024-5

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFL044J SSDI-SFL044J Datasheet
75Kb / 2P
   30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
More results

Similar Description - SFL024-5

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF40N30M SSDI-SFF40N30M Datasheet
48Kb / 3P
   40 AMP / 300 Volts 0.10 OHM N-Channel Power MOSFET
SFL044J SSDI-SFL044J Datasheet
75Kb / 2P
   30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
   75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
logo
ON Semiconductor
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
logo
Solid States Devices, I...
SFF40N30B SSDI-SFF40N30B Datasheet
202Kb / 2P
   40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30N SSDI-SFF40N30N Datasheet
236Kb / 2P
   40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF40N30-3 SSDI-SFF40N30-3 Datasheet
199Kb / 2P
   40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF10N100-3 SSDI-SFF10N100-3 Datasheet
201Kb / 2P
   10 AMP 1000 Volts 1.2 ohm N-Channel Power MOSFET
SFF10N100M SSDI-SFF10N100M Datasheet
247Kb / 2P
   10 AMP / 1000 Volts 1.2 ohm N-Channel Power MOSFET
SFF10N100B SSDI-SFF10N100B Datasheet
227Kb / 2P
   10 AMP / 1000 Volts 1.2 ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com