Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V654D Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16V654D
Description  2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V654D Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16V654D Datasheet HTML 6Page - Exar Corporation XR16V654D Datasheet HTML 7Page - Exar Corporation XR16V654D Datasheet HTML 8Page - Exar Corporation XR16V654D Datasheet HTML 9Page - Exar Corporation XR16V654D Datasheet HTML 10Page - Exar Corporation XR16V654D Datasheet HTML 11Page - Exar Corporation XR16V654D Datasheet HTML 12Page - Exar Corporation XR16V654D Datasheet HTML 13Page - Exar Corporation XR16V654D Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
XR16V654/654D
10
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
REV. 1.0.1
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
RESET
(RESET#)
20
27
37
33
43
I
When 16/68# pin is HIGH for Intel bus inter-
face, this input becomes the Reset pin
(active high). In this case, a 40 ns mini-
mum HIGH pulse on this pin will reset the
internal registers and all outputs. The UART
transmitter output will be held HIGH, the
receiver input will be ignored and outputs
are reset during reset period (Table 17).
When 16/68# pin is at LOW for Motorola
bus interface, this input becomes Reset#
pin (active low). This pin functions similarly,
but instead of a HIGH pulse, a 40 ns mini-
mum LOW pulse will reset the internal reg-
isters and outputs.
Motorola bus interface is not available on
the 64 pin package.
VCC
2, 24, 37
4, 35, 52
13, 47,
64
6, 46, 66
10, 61,
86
Pwr
2.25V to 3.6V power supply. All inputs,
except XTAL1, are 5V tolerant.
GND
21, 47
14, 28,
45, 61
6, 23, 40,
57
16, 36,
56, 76
20, 46,
71, 96
Pwr
Power supply common, ground.
GND
Center
Pad
N/A
N/A
N/A
N/A
Pwr
The center pad on the backside of the QFN
package is metallic and should be con-
nected to GND on the PCB. The thermal
pad size on the PCB should be the approxi-
mate size of this center pad and should be
solder mask defined. The solder mask
opening should be at least 0.0025" inwards
from the edge of the PCB thermal pad.
N.C.
-
-
-
1, 2, 20,
21, 22,
27, 40,
41, 42,
60, 61,
62, 80
No Connection. These pins are not used in
either the Intel or Motorola bus modes.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN#
80-LQFP
PIN #
100-QFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V654D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654D EXAR-XR16V654D Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654DIV EXAR-XR16V654DIV Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - XR16V654D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com