Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L570IL32 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16L570IL32
Description  SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L570IL32 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16L570IL32 Datasheet HTML 5Page - Exar Corporation XR16L570IL32 Datasheet HTML 6Page - Exar Corporation XR16L570IL32 Datasheet HTML 7Page - Exar Corporation XR16L570IL32 Datasheet HTML 8Page - Exar Corporation XR16L570IL32 Datasheet HTML 9Page - Exar Corporation XR16L570IL32 Datasheet HTML 10Page - Exar Corporation XR16L570IL32 Datasheet HTML 11Page - Exar Corporation XR16L570IL32 Datasheet HTML 12Page - Exar Corporation XR16L570IL32 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
XR16L570
9
REV. 1.0.1
SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
2.9
Programmable Baud Rate Generator
The L570 UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by a
software bit (bit-7) in the MCR register. This bit selects the prescaler to divide the input external clock by a
factor of 1 or 4. The clock output of the prescaler goes to the BRG. The BRG further divides this clock by a
programmable divisor (via DLL and DLM registers) between 1 and (216 -1) to obtain a 16X sampling rate clock
of the serial data rate. The sampling rate clock is used by the transmitter for data bit shifting and receiver for
data sampling. The BRG divisor defaults to the maximum baud rate (DLL = 0x01 and DLM = 0x00) upon power
up.
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate. Table 3 shows the standard data rates available with a 14.7456 MHz external clock at 16X
sampling rate clock rate. When using a non-standard data rate external clock, the divisor value can be
calculated for DLL/DLM with the following equation.
FIGURE 6. BAUD RATE GENERATOR AND PRESCALER
divisor (decimal) = (clock frequency / prescaler) / (serial data rate x 16)
CLK
Clock
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X
Sampling
Rate Clock to
Transmitter
Baud Rate
Generator
Logic


Similar Part No. - XR16L570IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570IL32 EXAR-XR16L570IL32 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L570IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com