Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L570IL24 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16L570IL24
Description  SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L570IL24 Datasheet(HTML) 3 Page - Exar Corporation

  XR16L570IL24 Datasheet HTML 1Page - Exar Corporation XR16L570IL24 Datasheet HTML 2Page - Exar Corporation XR16L570IL24 Datasheet HTML 3Page - Exar Corporation XR16L570IL24 Datasheet HTML 4Page - Exar Corporation XR16L570IL24 Datasheet HTML 5Page - Exar Corporation XR16L570IL24 Datasheet HTML 6Page - Exar Corporation XR16L570IL24 Datasheet HTML 7Page - Exar Corporation XR16L570IL24 Datasheet HTML 8Page - Exar Corporation XR16L570IL24 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
XR16L570
3
REV. 1.0.1
SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
PIN DESCRIPTIONS
Pin Descriptions
NAME
24-QFN
PIN#
32-QFN
PIN#
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
12
13
14
17
18
19
I
Address data lines [2:0]. These 3 address lines select one of the internal registers in
the UART during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
3
2
1
24
23
22
21
20
5
4
3
1
32
31
30
29
I/O
Data bus lines [7:0] (bidirectional).
IOR#
11
14
I
This input is the read strobe (active low). The falling edge instigates an internal read
cycle and retrieves the data byte from an internal register pointed by the address
lines [A2:A0], puts the data byte on the data bus to allow the host processor to read it
on the rising edge.
IOW#
9
12
I
This input is the write strobe (active low). The falling edge instigates the internal write
cycle and the rising edge transfers the data byte on the data bus to an internal regis-
ter pointed by the address lines.
CS#
6
8
I
This input is chip select (active low) to enable the device.
INT
15
20
O
This output is the active high device interrupt output. The output state is defined by
the user through the software setting of MCR[3]. INT is set to the active mode when
MCR[3] is set to a logic 1. INT is set to the three state mode when MCR[3] is set to a
logic 0. See MCR[3].
MODEM OR SERIAL I/O INTERFACE
TX
5
7
O
UART Transmit Data or infrared encoder data. Standard transmit and receive inter-
face is enabled when MCR[6] = 0. In this mode, the TX signal will be a logic 1 during
reset or idle (no data). Infrared IrDA transmit and receive interface is enabled when
MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the Infrared
encoder/decoder interface is a logic 0. If it is not used, leave it unconnected.
RX
4
6
I
UART Receive Data or infrared receive data. Normal receive data input must idle at
logic 1 condition. The infrared receiver idles at logic 0.
RTS#
16
21
O
UART Request-to-Send (active low) or general purpose output. This output must be
asserted prior to using auto RTS flow control, see EFR[6], MCR[1] and IER[6].
CTS#
18
24
I
UART Clear-to-Send (active low) or general purpose input. It can be used for auto
CTS flow control, see EFR[7], MSR[4] and IER[7]. This input should be connected to
VCC when not used.
DTR#
-
22
O
UART Data-Terminal-Ready (active low) or general purpose output. This pin is not
available in the 24-QFN package.
DSR#
-
25
I
UART Data-Set-Ready (active low) or general purpose input. This input should be
connected to VCC when not used. This input has no effect on the UART. This pin is
not available in the 24-QFN package.


Similar Part No. - XR16L570IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570IL24 EXAR-XR16L570IL24 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L570IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com