Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2550 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16C2550
Description  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2550 Datasheet(HTML) 3 Page - Exar Corporation

  XR16C2550_07 Datasheet HTML 1Page - Exar Corporation XR16C2550_07 Datasheet HTML 2Page - Exar Corporation XR16C2550_07 Datasheet HTML 3Page - Exar Corporation XR16C2550_07 Datasheet HTML 4Page - Exar Corporation XR16C2550_07 Datasheet HTML 5Page - Exar Corporation XR16C2550_07 Datasheet HTML 6Page - Exar Corporation XR16C2550_07 Datasheet HTML 7Page - Exar Corporation XR16C2550_07 Datasheet HTML 8Page - Exar Corporation XR16C2550_07 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
XR16C2550
3
REV. 1.0.2
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
26
27
28
29
30
31
26
27
28
I
Address data lines [2:0]. These 3 address lines select one of the
internal registers in UART channel A/B during a data bus transac-
tion.
D7
D6
D5
D4
D3
D2
D1
D0
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
3
2
1
48
47
46
45
44
IO
Data bus lines [7:0] (bidirectional).
IOR#
21
24
19
I
Input/Output Read Strobe (active low). The falling edge instigates
an internal read cycle and retrieves the data byte from an internal
register pointed to by the address lines [A2:A0]. The data byte is
placed on the data bus to allow the host processor to read it on the
rising edge.
IOW#
18
20
15
I
Input/Output Write Strobe (active low). The falling edge instigates an
internal write cycle and the rising edge transfers the data byte on the
data bus to an internal register pointed by the address lines.
CSA#
14
16
10
I
UART channel A select (active low) to enable UART channel A in
the device for data bus operation.
CSB#
15
17
11
I
UART channel B select (active low) to enable UART channel B in
the device for data bus operation.
INTA
30
33
30
O
UART channel A Interrupt output. The output state is defined by the
user and through the software setting of MCR[3]. INTA is set to the
active mode and OP2A# output to a logic 0 when MCR[3] is set to a
logic 1. INTA is set to the three state mode and OP2A# to a logic 1
when MCR[3] is set to a logic 0 (default). See MCR[3].
INTB
29
32
29
O
UART channel B Interrupt output. The output state is defined by the
user and through the software setting of MCR[3]. INTB is set to the
active mode and OP2B# output to a logic 0 when MCR[3] is set to a
logic 1. INTB is set to the three state mode and OP2B# to a logic 1
when MCR[3] is set to a logic 0 (default). See MCR[3].
TXRDYA#
-
1
43
O
UART channel A Transmitter Ready (active low). The output pro-
vides the TX FIFO/THR status for transmit channel A. See Table 2.
If it is not used, leave it unconnected.
RXRDYA#
-
34
31
O
UART channel A Receiver Ready (active low). This output provides
the RX FIFO/RHR status for receive channel A. See Table 2. If it is
not used, leave it unconnected.
TXRDYB#
-
12
6
O
UART channel B Transmitter Ready (active low). The output pro-
vides the TX FIFO/THR status for transmit channel B. See Table 2.
If it is not used, leave it unconnected.


Similar Part No. - XR16C2550_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550IJ EXAR-XR16C2550IJ Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550IM EXAR-XR16C2550IM Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550IP EXAR-XR16C2550IP Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16C2550_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com