Electronic Components Datasheet Search |
|
ST16C2550CQ48 Datasheet(PDF) 5 Page - Exar Corporation |
|
ST16C2550CQ48 Datasheet(HTML) 5 Page - Exar Corporation |
5 / 39 page xr ST16C2550 REV. 4.4.0 2.97V TO 5.5V DUART WITH 16-BYTE FIFO 5 TXRDYB# - 12 6 O UART channel B Transmitter Ready (active low). The out- put provides the TX FIFO/THR status for transmit channel B. See Table 2. If it is not used, leave it unconnected. RXRDYB# - 23 18 O UART channel B Receiver Ready (active low). This out- put provides the RX FIFO/RHR status for receive channel B. See Table 2. If it is not used, leave it unconnected. MODEM OR SERIAL I/O INTERFACE TXA 11 13 7 O UART channel A Transmit Data. If it is not used, leave it unconnected. RXA 10 11 5 I UART channel A Receive Data. Normal receive data input must idle at logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor. RTSA# 32 36 33 O UART channel A Request-to-Send (active low) or general purpose output. If it is not used, leave it unconnected. CTSA# 36 40 38 I UART channel A Clear-to-Send (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. DTRA# 33 37 34 O UART channel A Data-Terminal-Ready (active low) or general purpose output. If it is not used, leave it uncon- nected. DSRA# 37 41 39 I UART channel A Data-Set-Ready (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. CDA# 38 42 40 I UART channel A Carrier-Detect (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. RIA# 39 43 41 I UART channel A Ring-Indicator (active low) or general purpose input. This input should be connected to VCC when not used. This input has no effect on the UART. OP2A# 31 35 32 O Output Port 2 Channel A - The output state is defined by the user and through the software setting of MCR[3]. INTA is set to the active mode and OP2A# output to a logic 0 when MCR[3] is set to a logic 1. INTA is set to the three state mode and OP2A# to a logic 1 when MCR[3] is set to a logic 0. See MCR[3]. This output should not be used as a general output else it will disturb the INTA out- put functionality. If it is not used at all, leave it uncon- nected. TXB 12 14 8 O UART channel B Transmit Data. If it is not used, leave it unconnected. RXB 9 10 4 I UART channel B Receive Data. Normal receive data input must idle at logic 1 condition. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor. RTSB# 24 27 22 O UART channel B Request-to-Send (active low) or general purpose output. If it is not used, leave it unconnected. Pin Description NAME 40-PDIP PIN # 44-PLCC PIN # 48-TQFP PIN # TYPE DESCRIPTION |
Similar Part No. - ST16C2550CQ48 |
|
Similar Description - ST16C2550CQ48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |