Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5775A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5775A
Description  Differential air core meter driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5775A Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5775A Datasheet HTML 1Page - NXP Semiconductors SA5775A Datasheet HTML 2Page - NXP Semiconductors SA5775A Datasheet HTML 3Page - NXP Semiconductors SA5775A Datasheet HTML 4Page - NXP Semiconductors SA5775A Datasheet HTML 5Page - NXP Semiconductors SA5775A Datasheet HTML 6Page - NXP Semiconductors SA5775A Datasheet HTML 7Page - NXP Semiconductors SA5775A Datasheet HTML 8Page - NXP Semiconductors SA5775A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
SA5775A
Differential air-core meter driver
1999 Sep 20
5
DC ELECTRICAL CHARACTERISTICS
VIGN = 7.5 to 18 V; VCC = 4.5 to 5.5 V; TA = –40 to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIGN
Ignition supply voltage
7.5
18
V
IIGN
Ignition supply current
VIGN = 18 V no load
VBB = 18 V with load
RLC, RLS = RLMIN1,2
25
160
mA
ICC
Logic supply current
VCC = 5.5 V
1
mA
VOH
Output high voltage
Data out IOH = 300 µA
VCC – 0.8
VOL
Output low voltage
Data out IOL = 1.5 mA
0.4
V
VOL Status
IOL = 2.8 mA
0.8
V
IOH Status
ST, VCC = 5 V
25
µA
VIH
Input high voltage
CS, SCLK, DATAIN
0.7 x VCC
V
VIL
Input low voltage
CS, SCLK, DATAIN
0.3 x VCC
V
IIH
Input high current
CS, SCLK, DATAIN, VIN = 0.7 x VCC
10
µA
IIL
Input low current
CS, SCLK, DATAIN, VIN = 0.3 x VCC
10
µA
ACC
Output function accuracy3
RLC, RLS = RLMIN
–0.5
0.5
Degree
ISD
Output shut-down current
COS+, COS–, SIN+, SIN–
ISINK
VIGN = VIGN (MAX)
VIGN = VIGN (MIN)
ISOURCE VIGN = VIGN (MAX)
VIGN = VIGN (MIN)
97
43
85
43
500
300
500
300
mA
mA
mA
mA
VDRIVE
Coil drive voltage
VIGN = VIGN (MAX)
VIGN = VIGN (MIN)
68
78
%VIGN
RLMIN
Minimum load resistance
TA = 85°C
TA = 25°C
TA = –40°C
215
171
138
NOTE:
1. See Test Circuit.
2. Maximum current is when output is 45 degrees; TA = –40°C, and RL = 138 Ω.
3. See Table “Output function accuracy”
Table 3.
Output function accuracy
Ideal
Nominal
Input Code
0
0.176
0
45
45.176
128
90
90.176
256
135
135.176
384
180
180.176
512
225
225.176
640
270
270.176
768
360
359.820
1023
N = Binary Input Code
Equation for Output Angle (
θ) vs Output Voltage
Quadrant
Equation
I
θ = tan–1 | [(SIN+) – (SIN–)] / [(COS+) – (COS–)] |
II
θ = 180° +tan–1 | [(SIN+) – (SIN–)] / [(COS+) – (COS–)] |
III
θ = 180° +tan–1 | [(SIN+) – (SIN–)] / [(COS+) – (COS–)] |
IV
θ = 360° +tan–1 | [(SIN+) – (SIN–)] / [(COS+) – (COS–)] |


Similar Part No. - SA5775A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
SA577 PHILIPS-SA577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5777AD PHILIPS-SA5777AD Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5777AN PHILIPS-SA5777AN Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
More results

Similar Description - SA5775A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
   Air-Core Meter Driver
logo
NTE Electronics
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
   Integrated Circuit Air Core Meter Driver
logo
ON Semiconductor
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com