Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR32BP360B3W4 Datasheet(PDF) 8 Page - Kemet Corporation

Part # CDR32BP360B3W4
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR32BP360B3W4 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button CDR32BP360B3W4 Datasheet HTML 4Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 5Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 6Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 7Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 8Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 9Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 10Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 11Page - Kemet Corporation CDR32BP360B3W4 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP/STANDARD
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FF
FB
FB
FC
FF
FG
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FC
FC
FF
FF
FF
FF
FG
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FB
FE
FE
FG
FC
FF
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
CAP.
PF
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
273
333
CAP
CODE
CAP.
TOL.
C
C
C
C
C
,D
,D
,D
,D
,D
D
D
D
D
,F
,F
,F
,F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
F
G
G
G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
,G
J
J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,J
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
,K
C0G CAPACITANCE RANGE – 1210, 1812, 1825, 2220, 2225
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
,M
X7R CAPACITANCE RANGE – 0402, 0603, 0805, 1206
* Capacitance K or M. ontact KEMET Sales Rep for J tolerance availability. +_ Reflow Only.
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
# X7R dielectric - Extended Range Values - Cap and DF measured @ 0.5 Vrms.
See page 63 for Thickness Code Reference Chart.
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
See page 7
8 for Thickness Code Reference Chart.
74
6.3V 10V 16V 25V 50V 6.3V 10V 16V 25V 50V 100V 200V 6.3V 10V 16V 25V 50V 100V 200V 6.3V 10V 16V 25V 50V 100V 200V
150
151
K,M,J
BB
BB
BB
BB
BB
180
181
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
220
221
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
270
271
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
330
331
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
390
391
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
470
471
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
560
561
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
680
681
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
820
821
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
1,000
102
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,200
122
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,500
152
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,800
182
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
2,200
222
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
2,700
272
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
3,300
332
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
3,900
392
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
4,700
472
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
5,600
562
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
6,800
682
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
8,200
822
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
10,000
103
K,M,J
BB
BB
BB
BB
BB
CB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
12,000
123
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
15,000
153
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
18,000
183
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
22,000
223
K,M,J**
BB
BB
BB BB* BB*
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
27,000
273
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
33,000
333
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
39,000
393
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CB
CC
DC
DC DC DC
DC
DD
DE
EB
EB
EB
EB
EB
EC
EB
47,000
473
K,M,J**
BB
BB
BB BB*
CB
CB
CB
CB
CB
CB
DC
DC DC DC
DC
DE
DG
EB
EB
EB
EB
EB
EC
ED
56,000
563
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD DD DD
DD
DE
DG
EB
EB
EB
EB
EB
EB
ED
68,000
683
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD DD DD
DD
DE
EB
EB
EB
EB
EB
EB
ED
82,000
823
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD DD DD
DD
DE
EB
EB
EB
EB
EB
EB
ED
100,000
104
K,M,J**
BB
BB
BB
CB
CB
CB
CB
CC
DD
DD DD DD
DD
DE
EB
EB
EB
EB
EB
EB
EM
120,000
124
K,M,J**
CB
CB
CB
DC
DC DC DC
DD
DG
EC
EC
EC
EC
EC
EC
EM
150,000
154
K,M,J**
CB
CB
CB
CD*
DC
DC DC DC
DD
EC
EC
EC
EC
EC
EC
EG
180,000
184
K,M,J**
CB
CB
CB
DC
DC DC DC
DD
EC
EC
EC
EC
EC
EC
220,000
224
K,M,J**
CB
CB
CB CD*
DC
DC DC DC
DD
DG
EC
EC
EC
EC
EC
EC
270,000
274
K,M,J**
CB
CB
CB
DD
DD DD DD
EB
EB
EB
EB
EC
EM
330,000
334
K,M,J**
CB
CB
CB
DE
DE
DE
DE
EB
EB
EB
EB
EC
EG
390,000
394
K,M,J**
CB
CB
CB
DG
DG DG DG
EB
EB
EB
EB
EG
EG
470,000
474
K,M,J**
CB
CB
CB
DG
DG DG DG DE*
EC
EC
EC
EC
EC
EG
560,000
564
K,M,J**
DG
DG DG DG
ED
ED
ED
ED
EC
680,000
684
K,M,J**
DG
DG DG
DJ*
EE
EE
EE
EE
ED
820,000
824
K,M,J*
DG
DG DG
EF
EF
EF
EF
1,000,000
105
K,M,J**
CD
CD CD*
DG
DG DG DJ*
EE
EE
EF
EG
ED*
1,200,000
125
K,M,J**
DE
DE
DE
ED
ED
ED
EG
1,500,000
155
K,M,J**
DG
DG DG
EF
EF
EF
EG
1,800,000
185
K,M,J**
DG
DG DG
EF
EF
EF
2,200,000
225
K,M,J**
DG
DG DG
EG
EG
EG
EF* EH*+
2,700,000
275
K,M,J**
EN
EN
EK
3,300,000
335
K,M,J**
ED
ED
ED
3,900,000
395
K,M,J**
EL
EL
EL
4,700,000
475
K,M,J**
EM*+ EM*+ EM*+ EH*+
5,600,000
565
K,M,J**
EH*+ EH*+ EH*+
6,800,000
685
K,M,J**
EH*+ EH*+ EH*+
8,200,000
825
K,M,J**
EH*+ EH*+ EH*+
10,000,000
106
K,M,J**
EH*+ EH*+ EH*+
C0603
C1206
C0805
Cap
pF
Cap
Code
Cap
Tolerance
C0402
25V 50V 100V 200V 50V 100V 200V 50V 100V 200V 50V 100V 200V 50V 100V 200V
10.0
100
D
J,K,M
FB
FB
FB
12.0
120
D
J,K,M
FB
FB
FB
15.0
150
D
G,J,K,M
FB
FB
FB
18.0
180
D
G,J,K,M
FB
FB
FB
22.0
220
D
G,J,K,M
FB
FB
FB
27.0
270
D,F,G,J,K,M
FB
FB
FB
33.0
330
D,F,G,J,K,M
FB
FB
FB
39.0
390
D,F,G,J,K,M
FB
FB
FB
47.0
470
D,F,G,J,K,M
FB
FB
FB
56.0
560
F,G,J,K,M
FB
FB
FB
68.0
680
F,G,J,K,M
FB
FB
FB
82.0
820
F,G,J,K,M
FB
FB
FB
100.0
101
F,G,J,K,M
FB
FB
FB
120.0
121
F,G,J,K,M
FB
FB
FB
150.0
151
F,G,J,K,M
FB
FB
FB
180.0
181
F,G,J,K,M
FB
FB
FB
220.0
221
F,G,J,K,M
FB
FB
FB
270.0
271
F,G,J,K,M
FB
FB
FB
330.0
331
F,G,J,K,M
FB
FB
FB
390.0
391
F,G,J,K,M
FB
FB
FB
470.0
471
F,G,J,K,M
FB
FB
FB
GB
GB
GB
560.0
561
F,G,J,K,M
FB
FB
FB
GB
GB
GB
680.0
681
F,G,J,K,M
FB
FB
FB
GB
GB
GB
820.0
821
F,G,J,K,M
FB
FB
FB
GB
GB
GB
1,000.0
102
F,G,J,K,M
FB
FB
FB
GB
GB
GB
1,200.0
122
F,G,J,K,M
FB
FB
FB
GB
GB
GB
1,500.0
152
F,G,J,K,M
FB
FB
FE
GB
GB
GB
1,800.0
182
F,G,J,K,M
FB
FB
FE
GB
GB
GB
2,200.0
222
F,G,J,K,M
FB
FC
FG
GB
GB
GB
2,700.0
272
F,G,J,K,M
FB
FC
FC
GB
GB
GB
3,300.0
332
F,G,J,K,M
FB
FF
FF
GB
GB
GB
3,900.0
392
F,G,J,K,M
FB
FF
GB
GB
GB
HB
HB
HB
4,700.0
472
F,G,J,K,M
FF
FG
GB
GB
GD
HB
HB
HB
KB
KB
KB
5,600.0
562
F,G,J,K,M
FB
FG
GB
GB
GH
HB
HB
HB
KB
KB
KB
6,800.0
682
F,G,J,K,M
FB
FG
GB
GB
GJ
HB
HB
HB
JB
JB
KB
KB
KB
8,200.0
822
F,G,J,K,M
FC
GB
GB
HB
HB
HB
JB
JB
KB
KB
KB
10,000.0
103
F,G,J,K,M
FF
GB
GH
HB
HB
HE
JB
JB
KB
KB
KB
12,000.0
123
F,G,J,K,M
FG
GB
GG
HB
HB
HE
JB
JB
KB
KB
KB
15,000.0
153
F,G,J,K,M
HB
HB
JB
JB
KB
KB
KE
18,000.0
183
F,G,J,K,M
HB
HB
JB
JB
KB
KB
22,000.0
223
F,G,J,K,M
FB
HB
HE
JB
KB
KB
27,000.0
273
F,G,J,K,M
FB
HB
HE
JB
KB
KB
33,000.0
333
F,G,J,K,M
FB
KB
47,000.0
473
F,G,J,K,M
FB
68,000.0
683
F,G,J,K,M
FB
100,000.0
104
F,G,J,K,M
FE
220,000.0
224
F,G,J,K,M
FK+
C1812*
C1825*
C2220
C2225
C1210*
Cap
pF
Cap
Code
Cap
Tolerance


Similar Part No. - CDR32BP360B3W4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR32BP360B AVX-CDR32BP360B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR32BP360B--- KSS-CDR32BP360B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR32BP360B3W4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com