Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C554 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C554
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554 Datasheet(HTML) 3 Page - Exar Corporation

  ST16C554 Datasheet HTML 1Page - Exar Corporation ST16C554 Datasheet HTML 2Page - Exar Corporation ST16C554 Datasheet HTML 3Page - Exar Corporation ST16C554 Datasheet HTML 4Page - Exar Corporation ST16C554 Datasheet HTML 5Page - Exar Corporation ST16C554 Datasheet HTML 6Page - Exar Corporation ST16C554 Datasheet HTML 7Page - Exar Corporation ST16C554 Datasheet HTML 8Page - Exar Corporation ST16C554 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ST16C554/554D
3
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
64-LQFP
PIN #
68-PLCC
PIN#
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
22
23
24
32
33
34
I
Address data lines [2:0]. These 3 address lines select one of the internal regis-
ters in UART channel A-D during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
60
59
58
57
56
55
54
53
5
4
3
2
1
68
67
66
I/O
Data bus lines [7:0] (bidirectional).
IOR#
(VCC)
40
52
I
When 16/68# pin is HIGH, the Intel bus interface is selected and this input
becomes read strobe (active low). The falling edge instigates an internal read
cycle and retrieves the data byte from an internal register pointed by the address
lines [A2:A0], puts the data byte on the data bus to allow the host processor to
read it on the rising edge.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input is
not used and should be connected to VCC.
IOW#
(R/W#)
9
18
I
When 16/68# pin is HIGH, it selects Intel bus interface and this input becomes
write strobe (active low). The falling edge instigates the internal write cycle and
the rising edge transfers the data byte on the data bus to an internal register
pointed by the address lines.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input
becomes read (HIGH) and write (LOW) signal.
CSA#
(CS#)
7
16
I
When 16/68# pin is HIGH, this input is chip select A (active low) to enable chan-
nel A in the device.
When 16/68# pin is LOW, this input becomes the chip select (active low) for the
Motorola bus interface.
CSB#
(A3)
11
20
I
When 16/68# pin is HIGH, this input is chip select B (active low) to enable chan-
nel B in the device.
When 16/68# pin is LOW, this input becomes address line A3 which is used for
channel selection in the Motorola bus interface.
CSC#
(A4)
38
50
I
When 16/68# pin is HIGH, this input is chip select C (active low) to enable chan-
nel C in the device.
When 16/68# pin is LOW, this input becomes address line A4 which is used for
channel selection in the Motorola bus interface.
CSD#
(VCC)
42
54
I
When 16/68# pin is HIGH, this input is chip select D (active low) to enable chan-
nel D in the device.
When 16/68# pin is LOW, this input is not used and should be connected VCC.


Similar Part No. - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554 EXAR-ST16C554 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554 EXAR-ST16C554 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST16C554CQ64 EXAR-ST16C554CQ64 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
More results

Similar Description - ST16C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com