Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T496C106M025AH4095 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T496C106M025AH4095
Description  Fail-Safe Fused Tantalum Surface Mount Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496C106M025AH4095 Datasheet(HTML) 1 Page - Kemet Corporation

  T496C106M025AH4095 Datasheet HTML 1Page - Kemet Corporation T496C106M025AH4095 Datasheet HTML 2Page - Kemet Corporation T496C106M025AH4095 Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Bulletin
Dimensions – Millimeters
KEMET
Size
Code
EIA Size
Code
L
Length
W
Width
H
Height
K
±0.20
±(.008)
F
±0.10
±(.004)
S
±0.30
±(.012)
B(Ref)
±0.15
±(.006)
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
B
3528-21
3.5 ± 0.20
(.138 ± .008)
2.8 ± 0.20
(.110 ± .008)
1.9 ± 0.20
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.30
(.236 ± .012)
3.2 ± 0.30
(.126 ± .012)
2.5 ± 0.30
(.098 ± .012)
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.30
(.287 ± .012)
4.3 ± 0.30
(.169 ± .012)
2.8 ± 0.30
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.30
(.287 ± .012)
4.3 ± 0.30
(.169 ± .012)
4.0 ± 0.30
(.157 ± .012)
2.3
(.091)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
Outline Drawing
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
Test Tab
0.15(0.006) Max.
F-9075 03/06
T496 Series - Fail-Safe Fused Tantalum Surface Mount Capacitor
DSCC Dwg. 04053 Approved
Features
Built-in fuse protects against damaging
short circuit failure mode
Fuse Actuation, 25°C: within 1 second at fault currents
of 4 amps and higher
Precision-molded, laser-marked cases
Continuous current capability: 0.75 amps
Symmetrical, compliant terminations
Post-actuation resistance, 25°C: 10 megohms minimum
Case geometry and footprints equivalent to Industrial
Grade T491 Series. (Case sizes B, C, D andn X only)
Test tabs on the sides of the case bypass the capacitor
element allow direct testing of the fuse assembly
Patented fuse assembly
Operating Temperature: -55°C to +125°C
100% Surge Current test on C, D, X sizes
Available tested per DSCC Dwg. 04053
Component Marking
105
25K
610
Polarity
Indicator (+)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“610” = 10th Week of 2006
F+
Fused
Fail-Safe
Device
Construction
Fuse
Molded
Case
Silver Adhesive
Washer
Positive
Termination*
Weld
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Polarity
Stripe (+)
Polarity
Bevel (+)


Similar Part No. - T496C106M025AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496C106M025AH KEMET-T496C106M025AH Datasheet
1Mb / 6P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T496C106M025AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
CWR09CB105KMA KEMET-CWR09CB105KMA Datasheet
147Kb / 10P
   Tantalum Surface Mount Capacitor
logo
Rohm
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com