Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C561F3GAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0402C561F3GAC
Description  Surface Mount Ceramic Chip Capacitors - C0G Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C561F3GAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0402C561F3GAC Datasheet HTML 1Page - Kemet Corporation C0402C561F3GAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
(1) Insert capacitance tolerance as shown: F = ±1%; G = ±2%; J = ± 5%; K = ±10% or M = ±20%.
Capacitance Value
Capacitance
Values (pF)
KEMET Part
Number
Voltage
Capacitance
Tolerance
Thickness
mm
Qty
7” Reel
Qty
13” Reel
470
C0402C471(1)3GAC
25
F,G,J,K,M
.50 ± .05
10,000
50,000
560
C0402C561(1)3GAC
25
F,G,J,K,M
.50 ± .05
10,000
50,000
680
C0402C681(1)3GAC
25
F,G,J,K,M
.50 ± .05
10,000
50,000
820
C0402C821(1)3GAC
25
F,G,J,K,M
.50 ± .05
10,000
50,000
1000
C0402C102(1)3GAC
25
F,G,J,K,M
.50 ± .05
10,000
50,000
2200
C0603C222(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
2700
C0603C272(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
3300
C0603C332(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
3900
C0603C392(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
4700
C0603C472(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
5600
C0603C562(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
6800
C0603C682(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
8200
C0603C822(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
10,000
C0603C103(1)3GAC
25
F,G,J,K,M
.80 ± .10
4,000
10,000
4700
C0805C472(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
5600
C0805C562(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
6800
C0805C682(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
8200
C0805C822(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
10,000
C0805C103(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
18,000
C0805C183(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
22,000
C0805C223(1)3GAC
25
F,G,J,K,M
.90 ± .10
4,000
10,000
33.000
C0805C333(1)3GAC
25
F,G,J,K,M
1.25 ± .20
3,000
10,000
18,000
C1206C183(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
22,000
C1206C223(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
33,000
C1206C333(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
47,000
C1206C473(1)3GAC
25
F,G,J,K,M
.90 ± .10
4,000
10,000
68,000
C1206C683(1)3GAC
25
F,G,J,K,M
1.20 ± .15
2,500
10,000
100,000
C1206C104(1)3GAC
25
F,G,J,K,M
1.60 ± .20
2,000
8,000
22,000
C1210C223(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
27,000
C1210C273(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
33,000
C1210C333(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
47,000
C1210C473(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
68,000
C1210C683(1)3GAC
25
F,G,J,K,M
.78 ± .10
4,000
10,000
100,000
C1210C104(1)3GAC
25
F,G,J,K,M
1.00 ± .10
2,500
10,000
220,000
C1210C224(1)3GAC
25
F,G,J,K,M
2.10 ± .20
2,000
8,000
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin supplements that in the catalog.
C 0805
C
103
K
3
G
A
C
Style
C - Ceramic
Size Code
0402, 0603, 0805, 1206, 1210
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
F = ±1%
K = ±10%
G = ±2%
M = ±20%
J = ±5%
Voltage
3 = 25V
Temperature Characteristic
Designated by Capacitance
Change Over Temperature Range
G = C0G (NP0) (±30 PPM/°C)
End Metallization
C = Standard (Tin-plate
nickel barrier)
Failure Rate Level
A = Not Applicable


Similar Part No. - C0402C561F3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C5611GAC KEMET-C0402C5611GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C561J3RACAUTO KEMET-C0402C561J3RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 560 pF, 5%, 25 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C561J5GACAUTO KEMET-C0402C561J5GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 560 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
C0402C561J5GACTU KEMET-C0402C561J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 560 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C561J5RACTU KEMET-C0402C561J5RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 560 pF, 5%, 50 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0402
More results

Similar Description - C0402C561F3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C125K8PAC KEMET-C0603C125K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com