Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T190C256K008ASC-0200 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T190C256K008ASC-0200
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T190C256K008ASC-0200 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T190C256K008ASC-0200 Datasheet HTML 2Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 3Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 4Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 5Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 6Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 7Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 8Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 9Page - Kemet Corporation T190C256K008ASC-0200 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
13.Power Dissipation
The power dissipation of this device is defined by
the allowable ripple current rating as listed in the part
number reference tables.
These ratings reflect an
internal temperature rise of +50°C at the +85°C ambi-
ent temperature with 40 kHz ripple life currents as
specified in MIL-PRF-39006.
These currents are
established at these conditions, with the adjusted DC
bias applied during the test.
The permissible AC currents applied to these
devices at conditions other than those defined for the
Ripple Life Test can be derived from the following table.
This table is listed as Table II, in MIL-PRF-39006/22F.
The following rules apply to the ripple capability of these
devices:
1. At +125°C, the rated voltage decreases to 2/3 of the
+85°C rated.
2. The positive peak of the applied AC ripple voltage plus
the DC bias cannot exceed the rated voltage of the
device, and the DC bias minus the negative peak of
the AC voltage cannot exceed the maximum allow-
able reverse voltage of the device.
3. The ripple current ratings within the part number tables
represents a maximum allowable internal tempera-
ture rise of +50°C at 40 kHz, and at an ambient tem-
perature of +85°C, and complying to rules 1 and 2.
4. The maximum allowable temperature rise decreases
linearly, to a +10°C rise at +125°C.
5. The ESR decreases with increasing frequency, and the
internal temperature rise is proportional the ESR of
the device.
6. The "% of +85°C Rated Voltage" defines the DC bias
level for the device.
14. Long-Term Stability
When stabilized for measurement at standard con-
ditions, capacitance will typically change within
+10% -20% during a 10,000 hour life test +85°C.
Dissipation factor data from 10,000 hour life tests at
+85°C show that post limits (at standard conditions) are
within 20% (max) of initial value at the conclusion of these
tests.
Leakage current is more variable than capacitance or
DF; in fact, leakage current typically exhibits a logarithmic
dependence in several respects. MIL-PRF-39006 permits
leakage current (measured at standard conditions) to rise
by 25% at 85°C over 10,000 hour life tests.
15. Failure Mode
Capacitor failure may be induced by exceeding the
rated conditions of forward DC voltage, reverse DC volt-
age, surge voltage, surge current, power dissipation, or
temperature. As with any practical device, these capaci-
tors also possess an inherent, although low, failure rate
when operated within the rated condition.
One failure mode is by short-circuit. Minor para-
metric drifts (see Section 14 “Long Term Stability”)
are of no consequence in circuits suitable for wet tanta-
lum capacitors. Catastrophic failure occurs as an ava-
lanche in DC leakage current over a short (millisecond)
time span. The failed capacitor, while called “short-cir-
cuited”, may exhibit a DC resistance of 10 to 104 ohm.
If a failed capacitor is in an unprotected low-imped-
ance circuit, continued flow of current through the capac-
itor may obviously produce severe overheating. The
short-circuit failure may thereby be converted to an
open-circuit failure. If the circuit does not open promptly,
the over-heated capacitor may damage the circuit board
or nearby components. Protection against such occur-
rence is obtained by current-limiting devices or fuses
provided by the circuit design.
Fortunately, the inherent failure rate of KEMET wet
tantalum capacitors is low, and this failure rate may be
further improved by circuit design. Statistical failure rates
are provided for wet tantalum capacitors.
16.Reliability Prediction
The failure rate is dependent upon three important
application conditions; DC voltage, ambient tempera-
ture, and circuit impedance. Additional effects are
attributable to the capacitance of the device and atmos-
pheric and mechanical exposure of the assembled cir-
cuit. The 1000 multiplier at the end converts the failure
rate to parts-per-billion piece-hours. A prediction of the
failure rate can be made using these application condi-
tions and the formulas and tables listed in MIL-HDBK-
217F (Notice 2).
6
Frequency of
applied ripple
current
120 Hz
800 Hz
1kHz
10 kHz
40 kHz
100 kHz
Ambient
Temp (°C)
Temp (°C)
Temp (°C)
Temp (°C)
Temp (°C)
Temp (°C)
=55°
85°
105°
125°
=55°
85°
105°
125°
=55°
85°
105°
125°
=55°
85°
105°
125°
=55°
85°
105°
125°
=55°
85°
105°
125°
% of
+85°C
Rated
Voltage
100%
0.60
0.39
--
--
0.71
0.43
--
--
0.72
0.45
--
--
0.88
0.55
--
--
1.00
0.63
--
--
1.10
0.69
--
--
90%
0.60
0.46
--
--
0.71
0.55
--
--
0.72
0.55
--
--
0.88
0.67
--
--
1.00
0.77
--
--
1.10
0.85
--
--
80%
0.60
0.52
0.35
--
0.71
0.62
0.42
--
0.72
0.62
0.42
--
0.88
0.76
0.52
--
1.00
0.87
0.59
--
1.10
0.96
0.65
--
70%
0.60
0.58
0.44
--
0.71
0.69
0.52
--
0.72
0.70
0.52
--
0.88
0.85
0.64
--
1.00
0.97
0.73
--
1.10
1.07
0.80
--
+66.67%
0.60
0.60
0.46
0.27
0.71
0.71
0.55
0.32
0.72
0.72
0.55
0.32
0.88
0.88
0.68
0.40
1.00
1.00
0.77
0.32
1.10
1.10
0.85
0.50
Permissible AC Currents


Similar Part No. - T190C256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T1900100232-009 TEC-T1900100232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
T1900102232-009 TEC-T1900102232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
logo
Infineon Technologies A...
T1900N INFINEON-T1900N Datasheet
416Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2021-03-10 Revision: 3.1
logo
eupec GmbH
T1901N EUPEC-T1901N Datasheet
279Kb / 9P
   Phase Control Thyristor
logo
Infineon Technologies A...
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
More results

Similar Description - T190C256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com