Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE752B0540 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HE752B0540
Description  D.I.L. Relay Features and Benefits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HE752B0540 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HE752B0540 Datasheet HTML 1Page - List of Unclassifed Manufacturers HE752B0540 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
ISSUE No: 4
DATE: 1/5/3
Features
Miniature dual in line package
Choice of normally open, normally
closed and change over contacts
High voltage switching option
Up to 2 normally open contacts
Available with 5V, 12V or 24V coil
options as standard
Magnetic shield option
Diode suppression option
Diagonal coil option
Benefits
One relay, various contacts choices
reducing space and cost without
compromising flexibility
Lower power coil consumption
than competing electromechanical
devices.
Hermetically sealed switching
contact is immune to the effects of
its environment
Transfer moulded package gives
maximum component protection
Applications
Security
Telecoms
Instrumentation
Process Control
Industrial
Figure 1 HE700
Figure 2 HE751
Figure 3 HE700 (All)
DIMENSIONS (in) mm
HE700 PCB LAYOUT
(Bottom View)
ORDERING INFORMATION
Relay Type
Body Type
l
w
h
HE700
Transfer Molded
(.750) 19,05
(.285) 7,24
(.295) 7,50
External Shield
(.795) 20,19
(.300) 7,62
(.305) 7,75
See next page for: Electrical and Operating Characteristics Description and Coil Characteristics
PART NUMBER
HE7X X
X
XX
XX
Model Number
General Options
HE72 - Standard
00 - No Options
HE75 - High Voltage
10 - Coil Suppression Diode
20 - Electrostatic Shield
Number of Contacts
30 - Coil Diode and E.S. Shield
1,2
40 - External Magnetic Shield
50 - External Magnetic Shield
and Diode
Contact Type
Standard Coil
A - Form A (SPST-NO)
05 - 5 Volt
B - Form B (SPST-NC)
12 - 12 Volt
C - Form C (SPDT-CO)
24 - 24 Volt
E - Form C (SPDT-CO) alternate foot print 1
R - Form C (SPDT-CO) alternate foot print 2
EXAMPLE: The HE721A0540 is a 1 Form relay with a 5 Volt coil and external magnetic shield
Contact the Hamlin Applications Engineering Department for low profile and other option
combinations available.
Table 1
HE700 D.I.L. Relay Features and Benefits
(.500) 12,70
Ø (.024) 0,61 HOLE
(.600) 15,24
(.100) 2,54
(.300) 7,62
www.hamlin.com


Similar Part No. - HE752B0540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE752B0500 ETC1-HE752B0500 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE752B0501 ETC1-HE752B0501 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE752B0505 ETC1-HE752B0505 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE752B0506 ETC1-HE752B0506 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE752B0510 ETC1-HE752B0510 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
More results

Similar Description - HE752B0540

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HE3321A0400 HAMLIN-HE3321A0400 Datasheet
940Kb / 2P
   HE3300 S.I.L Relay Features and Benefits
HE3621A1210 HAMLIN-HE3621A1210 Datasheet
152Kb / 2P
   HE3600 Miniature S.I.L. Relay Features and Benefits
HE3621A2410 HAMLIN-HE3621A2410 Datasheet
214Kb / 2P
   HE3600 Miniature S.I.L .Relay Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
logo
HAMLIN Position and Mov...
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com