Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C185K8PAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603C185K8PAC
Description  Surface Mount Ceramic Chip Capacitors X5R Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C185K8PAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603C185K8PAC Datasheet HTML 1Page - Kemet Corporation C0603C185K8PAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X5R, with following specific
requirements based on room temperature (25°C) parameters:
• Operating Range: -55°C to +85°C, with no-bias capacitance shift limited to ± 15% over that range
• Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 500
megohm microfarads.
• Capacitance and Dissipation Factor (DF) measured at the following conditions. DF Limit is 10%.
1 kHz and 1 Vrms if capacitance
≤ 10 µF
120 Hz and 0.5 Vrms if capacitance > 10 µF
Soldering Process
These components are suitable for wave or reflow soldering. All parts incorporate the standard
KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability
as well as resistance to leaching.
Marking
These chips are normally supplied unmarked. If required, they can be laser marked as an extra
cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.
Table 2 - X5R - Capacitance Value Extensions
(1) To complete KEMET part number, insert the alpha code for the tolerance desired. K = ±10%; M = ±20%
Capacitance
Values (µF)
KEMET Part
Number
Voltage
Capacitance
Tolerance
Thickness
mm
Qty
7” Reel
Qty
13” Reel
1.2
C0603C125(1)8PAC
10
K,M
0.8 ± 0.1
4,000
10,000
1.5
C0603C155(1)8PAC
10
K,M
0.8 ± 0.1
4,000
10,000
1.8
C0603C185(1)8PAC
10
K,M
0.8 ± 0.1
4,000
10,000
2.2
C0603C225(1)8PAC
10
K,M
0.8 ± 0.1
4,000
10,000
5.6
C0805C565(1)8PAC
10
K,M
1.25 ± 0.15
2,500
10,000
6.8
C0805C685(1)8PAC
10
K,M
1.25 ± 0.15
2,500
10,000
8.2
C0805C825(1)8PAC
10
K,M
1.25 ± 0.15
2,500
10,000
10.0
C0805C106(1)8PAC
10
K,M
1.25 ± 0.15
3,000
10,000
12.0
C1206C126(1)8PAC
10
K,M
1.60 ± 0.15
2,000
8,000
15.0
C1206C156(1)8PAC
10
K,M
1.60 ± 0.15
2,000
8,000
18.0
C1206C186(1)8PAC
10
K,M
1.60 ± 0.15
2,000
8,000
22.0
C1206C226(1)8PAC
10
K,M
1.60 ± 0.15
2,000
8,000


Similar Part No. - C0603C185K8PAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0603C1801GAC ETC2-C0603C1801GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0603C1802GAC ETC2-C0603C1802GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0603C1805GAC ETC2-C0603C1805GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C0603C180F5GACTU KEMET-C0603C180F5GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 18 pF, 1%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C180F8HACAUTO KEMET-C0603C180F8HACAUTO Datasheet
262Kb / 1P
   SMD Auto X8R HT150C, Ceramic, 18 pF, 1%, 10 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, Automotive Grade, 0603
More results

Similar Description - C0603C185K8PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0603C2759PAC KEMET-C0603C2759PAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C27619PAC KEMET-C1210C27619PAC Datasheet
26Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0201C103K4PAC KEMET-C0201C103K4PAC Datasheet
140Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - X5R Dielectric
C0805L475K9PAC KEMET-C0805L475K9PAC Datasheet
59Kb / 3P
   Surface Mount Ceramic Chip Capacitors - Low Profile Series - X5R Dielectric
C1210C68513PAC KEMET-C1210C68513PAC Datasheet
21Kb / 2P
   Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com