Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C395K9RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1206C395K9RAC
Description  Surface Mount Ceramic Chip Capacitors X7R Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C395K9RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1206C395K9RAC Datasheet HTML 1Page - Kemet Corporation C1206C395K9RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific
requirements based on room temperature (25°C) parameters:
• Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range
• Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 500
megohm-microfarads.
• Capacitance and Dissipation Factor (DF) measured at 1KHz at 1.0Vrms. DF Limit for 6.3 and 10
volts is 5.0%. DF for 16 volt is 3.5%.
Soldering Process
The 1206 components are suitable for reflow and wave soldering. All parts incorporate the stan-
dard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solder-
ability as well as resistance to leaching.
Marking
These chips are normally supplied unmarked. If required, they can be laser marked as an extra
cost option. More detail on the marking format is included in our Surface Mount Catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.


Similar Part No. - C1206C395K9RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C395K3PACTU KEMET-C1206C395K3PACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3.9 uF, 10%, 25 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II
C1206C395K4RAC KEMET-C1206C395K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C395K4RACTU KEMET-C1206C395K4RACTU Datasheet
60Kb / 1P
   SMD Comm X7R, Ceramic, 3.9 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
More results

Similar Description - C1206C395K9RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1210C4755RAC KEMET-C1210C4755RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C473K1RAC KEMET-C0603C473K1RAC Datasheet
159Kb / 2P
   Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com