Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206N10931G4C Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1206N10931G4C
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206N10931G4C Datasheet(HTML) 2 Page - Kemet Corporation

  C1206N10931G4C Datasheet HTML 1Page - Kemet Corporation C1206N10931G4C Datasheet HTML 2Page - Kemet Corporation C1206N10931G4C Datasheet HTML 3Page - Kemet Corporation C1206N10931G4C Datasheet HTML 4Page - Kemet Corporation C1206N10931G4C Datasheet HTML 5Page - Kemet Corporation C1206N10931G4C Datasheet HTML 6Page - Kemet Corporation C1206N10931G4C Datasheet HTML 7Page - Kemet Corporation C1206N10931G4C Datasheet HTML 8Page - Kemet Corporation C1206N10931G4C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
5.
Dissipation Factor:
Measured under same conditions as
capacitance. (See Table 3)
Dissipation factor (DF) is a measure of the losses in
a capacitor under AC application. It is the ratio of the
equivalent series resistance to the capacitive reac-
tance, and is usually expressed in percent. It is normal-
ly measured simultaneously with capacitance, and
under the same conditions. The vector diagram below
illustrates the relationship between DF, ESR and
impedance. The reciprocal of the dissipation factor is
called the “Q” or quality factor. For convenience, the
“Q” factor is often used for very low values of dissipa-
tion factor especially when measured at high frequen-
cies. DF is sometimes called the “loss tangent” or “tan-
gent ”, as shown in Figure 2.
6.
Impedance:
Since the parallel resistance (IR) is normally very
high, the total impedance of the capacitor can be
approximated by:
The variation of a capacitor's impedance with fre-
quency determines its effectiveness in many applica-
tions. At high frequency more detailed models apply -
see KEMET SPICE models for such instances.
7.
Insulation Resistance:
Measured after 2 minutes electrification at 25°C and
rated voltage: Limits per Table 3.
Insulation Resistance is the measure of a capacitor
to resist the flow of DC leakage current. It is sometimes
referred to as “leakage resistance”. Insulation resis-
tance (IR) is the DC resistance measured across the
terminals of a capacitor, represented by the parallel
resistance (IR) shown in Figure 1. For a given dielectric
type, electrode area increases with capacitance, result-
ing in a decrease in the insulation resistance.
Consequently, insulation resistance limits are usually
specified as the “RC” (IR x C) product, in terms of ohm-
farads or megohm-micro-farads. The insulation resis-
tance for a specific capacitance value is determined by
dividing this product by the capacitance. However, as
the nominal capacitance values become small, the
insulation resistance calculated from the RC product
reaches values which are impractical. Consequently, IR
specifications usually include both a minimum RC prod-
uct and a maximum limit based on the IR calculated
Figure 1
C = Capacitance
IR
ESR
C
ESL
ESL = Equivalent Series Inductance
IR = Insulation Resistance
ESR = Equivalent Series Resistance
ESR x 100
DF(%) =
Xc
Xc
2 π fC
1
=
Figure 2
δ
Ζ
O
Xc
ESR
Z =
ESR + (X
L
- X
C
)
22
Where : Z = Total Impedance
ESR = Equivalent Series Resistance
X
C
= Capacitive Reactance = 1/(2
πfC)
X
L
= Inductive Reactance = (2
πf) (ESL)
Figure 3
Table 3 – Specified Electrical Limits
Parameter
Temperature Characteristics
C0G
X7R/X5R
Z5U
Capacitance & Dissipation Factor: Measured at following
conditions:
C0G – 1kHz and 1 vrms if capacitance >1000 pF
1MHz and 1 vrms if capacitance ≤1000 pF
X7R/X5R/Y5V – 1kHz and 1 vrms* if capacitance ≤ 10 µF
Y5V
Z5U – 1kHz and 0.5 vrms
DF Limits:
50 - 200 volts –
25 volts –
16 volts –
6.3/10 volts –
Dielectric Strength: At 2.5 times rated DC voltage
Insulation Resistance (IR): At rated DC voltage, whichever
of the two is smaller. To get IR limit, divide MΩ−µF value by
the capacitance and compare to GΩ limit. Select the lower
of the two limits.
Temperature: Range, °C
Capacitance Change (without DC voltage)
0.10%
0.10%
--------
--------
2.5%
3.5%
3.5%
5.0%
2.5%
5.0%
**
**
Pass Subsequent IR Test
1,000 MΩ – µF
or 100 GΩ
(100,000 MΩ)
1,000 MΩ – µF
or 100 GΩ
(100,000 MΩ)
100 MΩ – µF
or 10 GΩ
(10,000 MΩ)
-55 to +125
0 ± 30 ppm/°C
-55 to +125 ±15%
+10 to +85
+22% -56%
5.0%
7.0%
7.0%
10.0%
100 MΩ – µF
or 10 G (≥16 volt)
50 MΩ – µF
or 10G (≤10v)
(10,000 MΩ)
-30 to +85
+22% -82%
4.0%
4.0%
-------
X7R/X5R/Y5V – 120Hz and 0.5 vrms if capacitance > 10 µF
X7R:
-55 to +85 ±15%
X5R:
**X5R
Cap
DF
<25V <564
5.0%
<25V ≥564 10.0%
*Note: Some values measured at 12 volt, see X7R Table for specific details on pages 7
4 and 75.
68


Similar Part No. - C1206N10931G4C

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1206 GENERAL-C1206 Datasheet
73Kb / 1P
   CONTROL CABLE
logo
List of Unclassifed Man...
C1206C1001GAC ETC2-C1206C1001GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1002GAC ETC2-C1206C1002GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C1206C1005GAC ETC2-C1206C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C1206C100C2GAC KEMET-C1206C100C2GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C1206N10931G4C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com