Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495T107M010AGSE1K5 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T495T107M010AGSE1K5
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495T107M010AGSE1K5 Datasheet(HTML) 4 Page - Kemet Corporation

  T495T107M010AGSE1K5 Datasheet HTML 1Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 2Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 3Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 4Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 5Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 6Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 7Page - Kemet Corporation T495T107M010AGSE1K5 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
34
SOLID TANTALUM CHIP CAPACITORS
T495 SERIES—Low ESR, Surge Robust
T495 RATINGS & PART NUMBER REFERENCE
CAPACITOR MARKINGS
Print Week Code:
1st Digit = Y ear
2nd & 3rd Digits = Week
"527" = The 27th week of 2005
Low
ESR
Device
Polarity
Indicator (+)
(Solid Stripe)
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
107
10 K
527
R+
CONSTRUCTION
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Molded
Case
Silver Adhesive
Washer
Positive
Termination*
Weld
Polarity
Stripe (+)
Polarity
Bevel (+)
*100% tin
(1)
To complete KEMET part number, insert “K” for ±10% or “M” for ±20% capacitance tolerance.
(2)
To complete KEMET part number, insert lead material designations per Ordering Information on page 31.
*Extended Values
Higher voltage ratings and tighter capacitance tolerance product may be substituted within the
same size at KEMET’s option.Voltage substitutions will be marked with the higher voltage rating.
25°C
85°C
125°C
68.0
X
T495X686(1)025A(2)E125
17.0
8.0
125
1149
1034
460
68.0
X
T495X686(1)025A(2)E150
17.0
8.0
150
1049
944
420
68.0
X
T495X686(1)025A(2)E200
17.0
8.0
200
908
817
363
100.0
E
T495E107(1)025A(2)E100
25.0
8.0
100
1414
1273
566
0.47
B
T495B474(1)035A(2)E1K5
0.5
4.0
1500
238
214
95
0.47
B
T495B474(1)035A(2)E2K2
0.5
4.0
2200
197
177
79
1.0
A
T495A105(1)035A(2)E3K0
0.4
4.0
3000
158
142
63
1.0
B
T495B105(1)035A(2)E1K5
0.5
4.0
1500
238
214
95
1.0
B
T495B105(1)035A(2)E1K7
0.5
4.0
1700
224
201
89
2.2
B
T495B225(1)035A(2)E1K5
0.8
6.0
1500
238
214
95
2.2
C
T495C225(1)035A(2)E750
0.8
6.0
750
383
345
153
3.3
B
T495B335(1)035A(2)E900
1.2
6.0
900
307
276
123
3.3
C
T495C335(1)035A(2)E525
1.1
6.0
525
457
411
182
3.3
C
T495C335(1)035A(2)E550
1.1
6.0
550
447
402
178
3.3
C
T495C335(1)035A(2)E600
1.2
6.0
600
428
385
171
4.7
B
T495B475(1)035A(2)E1K0
1.6
6.0
1000
292
262
117
4.7
C
T495C475(1)035A(2)E450
1.7
6.0
450
494
445
198
4.7
C
T495C475(1)035A(2)E500
1.7
6.0
500
469
422
188
4.7
C
T495C475(1)035A(2)E600
1.7
6.0
600
428
385
171
4.7
C
T495C475(1)035A(2)4095
95158-29(1)(2)
1.7
6.0
600
428
385
171
6.8
D
T495D685(1)035A(2)E150
2.4
6.0
150
1000
900
400
6.8
D
T495D685(1)035A(2)E400
2.4
6.0
400
612
551
245
6.8
X
T495X685(1)035A(2)E300
1.9
4.0
300
742
667
297
6.8
X
T495X685(1)035A(2)4095
95158-20(1)(2)
1.9
4.0
300
742
667
297
10.0
D
T495D106(1)035A(2)E125
3.5
6.0
125
1095
986
438
10.0
D
T495D106(1)035A(2)E250
3.5
6.0
250
775
697
310
10.0
D
T495D106(1)035A(2)E300
3.5
6.0
300
707
636
283
10.0
D
T495D106(1)035A(2)4095
95158-27(1)(2)
3.5
4.0
300
707
636
283
10.0
X
T495X106(1)035A(2)E175
3.5
6.0
175
971
874
388
10.0
X
T495X106(1)035A(2)E200
3.5
6.0
200
908
817
363
10.0
X
T495X106(1)035A(2)E250
2.8
4.0
250
812
731
325
10.0
X
T495X106(1)035A(2)4095
95158-21(1)(2)
2.8
4.0
250
812
731
325
15.0
D
T495D156(1)035A(2)E225
5.3
6.0
225
816
735
327
15.0
D
T495D156(1)035A(2)E300
5.3
6.0
300
707
636
283
15.0
X
T495X156(1)035A(2)E200
5.3
6.0
200
908
817
363
15.0
X
T495X156(1)035A(2)E225
5.3
6.0
225
856
771
343
15.0
X
T495X156(1)035A(2)4095
95158-22(1)(2)
5.3
6.0
225
856
771
343
22.0
D
T495D226(1)035A(2)E125
7.7
6.0
125
1095
985
438
22.0
D
T495D226(1)035A(2)E200
7.7
6.0
200
866
779
346
22.0
D
T495D226(1)035A(2)E250
7.7
6.0
250
775
697
310
22.0
D
T495D226(1)035A(2)E300
7.7
6.0
300
707
636
283
22.0
X
T495X226(1)035A(2)E125
7.7
6.0
125
1149
1034
460
22.0
X
T495X226(1)035A(2)E200
7.7
6.0
200
908
817
363
22.0
X
T495X226(1)035A(2)E275
7.7
6.0
275
775
697
410
22.0
X
T495X226(1)035A(2)4095
95158-23(1)(2)
7.7
6.0
300
742
667
297
33.0
X
T495X336(1)035A(2)E100
11.6
6.0
100
1285
1156
514
33.0
X
T495X336(1)035A(2)E175
11.6
6.0
175
971
874
388
33.0
X
T495X336(1)035A(2)E250
11.6
6.0
250
812
731
325
47.0
X
T495X476(1)035A(2)E185
16.5
8.0
185
944
850
378
47.0
X
T495X476(1)035A(2)E200
16.5
8.0
200
908
817
363
47.0
X
T495X476(1)035A(2)E300
16.5
8.0
300
742
667
297
1.0
C
T495C105(1)050A(2)E1K3
0.5
4.0
1300
291
262
116
2.2
D
T495D225(1)050A(2)E600
1.1
6.0
600
500
450
200
3.3
D
T495D335(1)050A(2)E700
1.7
6.0
700
463
417
185
4.7
D
T495D475(1)050A(2)E275
2.4
6.0
275
739
665
295
4.7
D
T495D475(1)050A(2)E300
2.4
6.0
300
707
636
283
4.7
X
T495X475(1)050A(2)E300
1.9
4.0
300
742
667
297
4.7
X
T495X475(1)050A(2)4095
95158-24(1)(2)
1.9
4.0
300
742
667
297
6.8
D
T495D685(1)050A(2)E190
3.4
6.0
190
888
799
355
6.8
D
T495D685(1)050A(2)E200
3.4
6.0
200
866
779
346
6.8
D
T495D685(1)050A(2)E275
3.4
6.0
275
739
665
295
6.8
D
T495D685(1)050A(2)E300
3.4
8.0
300
700
600
300
10.0
X
T495X106(1)050A(2)E250
5.0
8.0
250
774
697
309
10.0
X
T495X106(1)050A(2)E260
5.0
6.0
260
796
716
318
10.0
X
T495X106(1)050A(2)E300
5.0
6.0
300
741
667
297
15.0
X
T495X156(1)050A(2)E200
7.5
8.0
200
908
817
363
15.0
X
T495X156(1)050A(2)E300
7.5
8.0
300
742
667
297
25 Volt Rating @ +85°C (17 Volt Rating at +125°C)
35 Volt Rating @ +85°C (23 Volt Rating at +125°C)
50 Volt Rating @ +85°C (33 Volt Rating at +125°C)
DC
Leakage
µA @
25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR m
Ω
@ 25°C
100 kHz
Max
Ripple Current mA
rms @
25°C, 100 kHz Max
Capaci-
tance µF
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number


Similar Part No. - T495T107M010AGSE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495T107M010AG4095 KEMET-T495T107M010AG4095 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495T107M010AGE0457280 KEMET-T495T107M010AGE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495T107M010AGE100 KEMET-T495T107M010AGE100 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495T107M010AGE1K5 KEMET-T495T107M010AGE1K5 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T495T107M010AGSE1K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com