Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T525B686M004ATE040 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T525B686M004ATE040
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T525B686M004ATE040 Datasheet(HTML) 5 Page - Kemet Corporation

  T525B686M004ATE040 Datasheet HTML 1Page - Kemet Corporation T525B686M004ATE040 Datasheet HTML 2Page - Kemet Corporation T525B686M004ATE040 Datasheet HTML 3Page - Kemet Corporation T525B686M004ATE040 Datasheet HTML 4Page - Kemet Corporation T525B686M004ATE040 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
94
Embossed Carrier Tape Configuration (cont.)
Sketch D: Tape Camber (Top View)
Allowable camber to be 1 mm/250 mm.
250mm (9.843)
1mm (0.039) Max.
1mm (0.039) Max.
Table 2 – REEL DIMENSIONS (Metric will govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Tape Size
A Max
B* Min
C
D* Min
N Min
W
1
W
2 Max
W
3
8 mm
330.0
1.5
13.0 ± 0.20
20.2
50.0
8.4
14.4
7.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
(1.969)
+1.5, -0.0
(0.567)
(0.311)
See
(0.331
10.9 Max
Note 3
+0.059, -0.0)
(0.429)
12 mm
330.0
1.5
13.0 ± 0.20
20.2
Table 1
12.4
18.4
11.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
+2.0, -0.0
(0.724)
(0.469)
(0.488
15.4 Max
+0.078, -0.0)
(0.606)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
Figure 2:
Tape Leader
& Trailer
Dimensions
(Metric
Dimensions
Will Govern)
400mm (15.75) Min.
20°


Similar Part No. - T525B686M004ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525B686M004ATE080 KEMET-T525B686M004ATE080 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 68 uF, 20%, 4 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 2.1mm
More results

Similar Description - T525B686M004ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com