Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206F822M4RAC Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1206F822M4RAC
Description  CERAMIC OPEN MODE CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206F822M4RAC Datasheet(HTML) 5 Page - Kemet Corporation

  C1206F822M4RAC Datasheet HTML 1Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 2Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 3Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 4Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 5Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 6Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Embossed Carrier Tape Configuration (cont.)
Sketch D: Tape Camber (Top View)
Allowable camber to be 1 mm/250 mm.
250mm (9.843)
1mm (0.039) Max.
1mm (0.039) Max.
Table 2 – REEL DIMENSIONS (Metric will govern)
Figure 3:
Reel Dimensions (Metric Dimensions will govern)
Tape Size
A Max
B* Min
C
D* Min
N Min
W
1
W
2 Max
W
3
8 mm
330.0
1.5
13.0 ± 0.20
20.2
50.0
8.4
14.4
7.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
(1.969)
+1.5, -0.0
(0.567)
(0.311)
See
(0.331
10.9 Max
Note 3
+0.059, -0.0)
(0.429)
12 mm
330.0
1.5
13.0 ± 0.20
20.2
Table 1
12.4
18.4
11.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
+2.0, -0.0
(0.724)
(0.469)
(0.488
15.4 Max
+0.078, -0.0)
(0.606)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
Figure 2:
Tape Leader
& Trailer
Dimensions
(Metric
Dimensions
Will Govern)
400mm (15.75) Min.
20°
95


Similar Part No. - C1206F822M4RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206F104K1RAC KEMET-C1206F104K1RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C1206F104K1RACAUTO KEMET-C1206F104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F104K1RACTU KEMET-C1206F104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F104K2RACTU KEMET-C1206F104K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1206
More results

Similar Description - C1206F822M4RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
   Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
   Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
   Open Mode Capacitor
logo
Kemet Corporation
C0805F104K5RACTU KEMET-C0805F104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F474K1RACTU KEMET-C1210F474K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
   Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com