Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C222K5RAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0603C222K5RAC
Description  Ceramic Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C222K5RAC Datasheet(HTML) 3 Page - Kemet Corporation

  C0603C222K5RAC Datasheet HTML 1Page - Kemet Corporation C0603C222K5RAC Datasheet HTML 2Page - Kemet Corporation C0603C222K5RAC Datasheet HTML 3Page - Kemet Corporation C0603C222K5RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KEMET Part
Number
EIA Size
Code
Capacitance
pF
Tolerance Voltage Dielectric
C1206C100C2GAC
1206
10
±0.25pF
200
C0G
C1206C220C2GAC
1206
22
±0.25pF
200
C0G
C1206C330D2GAC
1206
33
±0.5pF
200
C0G
C1206C470D2GAC
1206
47
±0.5pF
200
C0G
C1206C101J1GAC
1206
100
±5%
100
C0G
C1206C221J1GAC
1206
220
±5%
100
C0G
C1206C471J1GAC
1206
470
±5%
100
C0G
C1206C102J1GAC
1206
1000
±5%
100
C0G
C1206C222J1GAC
1206
2200
±5%
100
C0G
C1206C472J5GAC
1206
4700
±5%
50
C0G
C1206C103K5RAC
1206
10,000
±10%
50
X7R
C1206C223K5RAC
1206
22,000
±10%
50
X7R
C1206C473K5RAC
1206
47,000
±10%
50
X7R
C1206C104K5RAC
1206
100,000
±10%
50
X7R
C1206C224K5RAC
1206
220,000
±10%
50
X7R
C1206C474K3RAC
1206
470,000
±10%
25
X7R
C1206C105K3RAC
1206
1,000,000
±10%
25
X7R
C1206C225K4RAC
1206
2,200,000
±10%
16
X7R
C1206C475K3PAC
1206
4,700,000
±10%
25
X5R
C1206C106K4PAC
1206
10,000,000
±10%
16
X5R
KEMET
Part Number
EIA Size
Code
Capacitance
pF
Tolerance Voltage Dielectric
C0402C109C5GAC
0402
1.0
±0.25pF
50
C0G
C0402C229C5GAC
0402
2.2
±0.25pF
50
C0G
C0402C339C5GAC
0402
3.3
±0.25pF
50
C0G
C0402C100C5GAC
0402
10
±0.25pF
50
C0G
C0402C150C5GAC
0402
15
±0.25pF
50
C0G
C0402C220C5GAC
0402
22
±0.25pF
50
C0G
C0402C330D5GAC
0402
33
±0.5pF
50
C0G
C0402C470D5GAC
0402
47
±0.5pF
50
C0G
C0402C680J5GAC
0402
68
±5%
50
C0G
C0402C750J5GAC
0402
75
±5%
50
C0G
C0402C101J5GAC
0402
100
±5%
50
C0G
C0402C221K5RAC
0402
220
±10%
50
X7R
C0402C331K5RAC
0402
330
±10%
50
X7R
C0402C561K5RAC
0402
560
±10%
50
X7R
C0402C102K5RAC
0402
1000
±10%
50
X7R
C0402C222K5RAC
0402
2200
±10%
50
X7R
C0402C562K5RAC
0402
5600
±10%
50
X7R
C0402C103K5RAC
0402
10,000
±10%
50
X7R
C0402C473K8PAC
0402
47,000
±10%
10
X5R
C0402C104K8PAC
0402
100,000
±10%
10
X5R
Kit Part Number: CER ENG KIT 05
1206 (EIA) Case Size SMT Capacitors - 100 pcs. per Part Number
Kit Part Number: CER ENG KIT 06
0402 (EIA) Case Size SMT Capacitors - 100 pcs. per Part Number
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC • (864) 963-6300 • www.kemet.com
Ceramic Engineering Kits


Similar Part No. - C0603C222K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C222K5RACAUTO KEMET-C0603C222K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 2200 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C222K5RACTU KEMET-C0603C222K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C222K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
   Capacitor, ceramic
C317C160J5G5TA KEMET-C317C160J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
HT05CN471JN KEMET-HT05CN471JN Datasheet
52Kb / 1P
   Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com