Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38PLABR100KLF20 Datasheet(PDF) 3 Page - Bi technologies

Part # 38PLABR100KLF20
Description  10 mm Single-Turn Trimmer Dust Proof Carbon Element Low TCR RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

38PLABR100KLF20 Datasheet(HTML) 3 Page - Bi technologies

  38PLABR100KLF20 Datasheet HTML 1Page - Bi technologies 38PLABR100KLF20 Datasheet HTML 2Page - Bi technologies 38PLABR100KLF20 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL 38
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
April 16, 2007
page 3 of 3
BI technologies
Taper Options
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
100
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
3
3
3
3
Model 38P (Top Adjust)
Model 38W (Side Adjust)
3
Dimensions are in millimeters, Tolerances are ±.025 mm unless otherwise stated.


Similar Description - 38PLABR100KLF20

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
   15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
40PR10KLF BITECH-40PR10KLF Datasheet
188Kb / 3P
   6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
39WLABR100KLF30 BITECH-39WLABR100KLF30_09 Datasheet
84Kb / 4P
   15 mm Single-Turn Trimmer
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
TT Electronics.
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
   SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
   SINGLE TURN TRIMMER
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
   SINGLE TURN TRIMMER
MODEL25 TTELEC-MODEL25 Datasheet
754Kb / 4P
   SINGLE TURN TRIMMER
MODEL93 TTELEC-MODEL93 Datasheet
613Kb / 3P
   SINGLE TURN TRIMMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com