Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5217 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5217
Description  Postamplifier with link status indicator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5217 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5217 Datasheet HTML 1Page - NXP Semiconductors SA5217 Datasheet HTML 2Page - NXP Semiconductors SA5217 Datasheet HTML 3Page - NXP Semiconductors SA5217 Datasheet HTML 4Page - NXP Semiconductors SA5217 Datasheet HTML 5Page - NXP Semiconductors SA5217 Datasheet HTML 6Page - NXP Semiconductors SA5217 Datasheet HTML 7Page - NXP Semiconductors SA5217 Datasheet HTML 8Page - NXP Semiconductors SA5217 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
SA5217
Postamplifier with link status indicator
1998 Oct 07
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VCCA
Power supply
4.5 to 5.5
V
VCCD
Power supply
4.5 to 5.5
V
TA
Ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature range
-40 to +110
°C
PD
Power dissipation
300
mW
DC ELECTRICAL CHARACTERISTICS
Min and Max limits apply over the operating temperature range at VCCA = VCCD = +5.0V unless otherwise specified. Typical data applies at
VCCA = VCCD = +5.0V and TA = 25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
ICCA
Analog supply current
30
41.2
mA
ICCD
Digital supply current (TTL, Flag, LED)
10
13.5
mA
VI1
A1 input bias voltage (A,B inputs)
3.08
3.4
3.70
V
VO2
A1 output bias voltage (A,B outputs)
3.10
3.8
4.50
V
VI8L
A8 input bias voltage Low (A,B inputs)
3.40
3.55
3.68
V
VI8H
A8 input bias voltage High (A,B inputs)
3.68
3.91
4.12
V
VOH
High-level TTL output voltage
IOH=-200µA
2.4
3.4
V
VOL
Low-level TTL output voltage
IOL=8mA
0.3
0.4
V
IOH
High-level TTL output current
VOUT=2.4V
-40
-24.4
mA
IOL
Low-level TTL output current
VOUT=0.4V
7.0
30
mA
IOS
Short-circuit TTL output current
VOUT=0.0V
-95
mA
VTHRESH
Threshold bias voltage
Pin 3 Open
0.75
V
VRPKDET
RPKDET
Pin 11 Open
0.72
V
VRHYST
RHYST bias voltage
Pin 12 Open
0.72
V
VIHJ
High-level jam input voltage
2.0
V
VILJ
Low-level jam input voltage
0.8
V
IIHJ
High-level jam input current
VIJ=2.7V
30
µA
IILJ
Low-level jam input current
VIJ=0.4V
-485
-240
µA
VOHF
High-level flag output voltage
IOH=-80µA
2.4
3.8
V
VOLF
Low-level flag output voltage
IOL=3.2mA
0.33
0.4
V
IOHF
High-level flag output current
VOUT=2.4V
-18
-5
mA
IOLF
Low-level flag output current
VOUT=0.4V
3.25
10
mA
ISCF
Short-circuit flag output current
VOUT=0.0V
-61
-40
-26
mA
ILEDH
LED ON maximum sink current
VLED=3.0V
8
22
80
mA


Similar Part No. - SA5217

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
More results

Similar Description - SA5217

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5214 PHILIPS-SA5214 Datasheet
83Kb / 10P
   Postamplifier with link status indicator
1998 Oct 07
logo
PHOENIX CONTACT
FLKM-4I PHOENIX-FLKM-4I Datasheet
49Kb / 3P
   Status indicator
FLKM-2I PHOENIX-FLKM-2I Datasheet
49Kb / 3P
   Status indicator
logo
Ultralife Corporation.
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
   LED status indicator
Rev A
logo
WAGO Kontakttechnik Gmb...
788-122 WAGO-788-122 Datasheet
53Kb / 3P
   Operation status indicator; 110 VDC
286-752-002-000 WAGO-286-752-002-000 Datasheet
324Kb / 6P
   Optocoupler module; Red status indicator; gray
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
   Charging indicator and battery status display
logo
WAGO Kontakttechnik Gmb...
286-792 WAGO-286-792 Datasheet
325Kb / 6P
   Optocoupler module; Red status indicator; gray
788-121 WAGO-788-121 Datasheet
53Kb / 3P
   Accessories for relay modules; Operation status indicator
788-125 WAGO-788-125 Datasheet
51Kb / 3P
   Accessories for relay modules; Operation status indicator: red
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com