Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25VR10KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 25VR10KLF
Description  1/4??Square Single Turn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

25VR10KLF Datasheet(HTML) 3 Page - Bi technologies

  25VR10KLF Datasheet HTML 1Page - Bi technologies 25VR10KLF Datasheet HTML 2Page - Bi technologies 25VR10KLF Datasheet HTML 3Page - Bi technologies 25VR10KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1-19
Model 25
1-19
SIDE ADJUSTMENT (Inch/mm)


Similar Part No. - 25VR10KLF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25VF016B MICROCHIP-25VF016B Datasheet
394Kb / 30P
   16 Mbit SPI Serial Flash
07/14/15
logo
RUBYCON CORPORATION
25VXP22000M35X40 RUBYCON-25VXP22000M35X40 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
25VXP27000M35X50 RUBYCON-25VXP27000M35X50 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
25VXP3900M22X25 RUBYCON-25VXP3900M22X25 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
25VXP4700M22X30 RUBYCON-25VXP4700M22X30 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25VR10KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
62PR10KLF BITECH-62PR10KLF Datasheet
56Kb / 3P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
23AR10KLFTR BITECH-23AR10KLFTR Datasheet
125Kb / 4P
   4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com