Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5214 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA5214
Description  Postamplifier with link status indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5214 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA5214 Datasheet HTML 2Page - NXP Semiconductors SA5214 Datasheet HTML 3Page - NXP Semiconductors SA5214 Datasheet HTML 4Page - NXP Semiconductors SA5214 Datasheet HTML 5Page - NXP Semiconductors SA5214 Datasheet HTML 6Page - NXP Semiconductors SA5214 Datasheet HTML 7Page - NXP Semiconductors SA5214 Datasheet HTML 8Page - NXP Semiconductors SA5214 Datasheet HTML 9Page - NXP Semiconductors SA5214 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
SA5214
Postamplifier with link status indicator
1998 Oct 07
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
Date of release: 10-98
Document order number:
9397 750 04626
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - SA5214

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
More results

Similar Description - SA5214

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
   Postamplifier with link status indicator
1998 Oct 07
logo
PHOENIX CONTACT
FLKM-4I PHOENIX-FLKM-4I Datasheet
49Kb / 3P
   Status indicator
FLKM-2I PHOENIX-FLKM-2I Datasheet
49Kb / 3P
   Status indicator
logo
Ultralife Corporation.
UCH0037 ULTRALIFE-UCH0037 Datasheet
551Kb / 1P
   LED status indicator
Rev A
logo
WAGO Kontakttechnik Gmb...
788-122 WAGO-788-122 Datasheet
53Kb / 3P
   Operation status indicator; 110 VDC
286-752-002-000 WAGO-286-752-002-000 Datasheet
324Kb / 6P
   Optocoupler module; Red status indicator; gray
logo
OSRAM GmbH
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
   Charging indicator and battery status display
logo
WAGO Kontakttechnik Gmb...
286-792 WAGO-286-792 Datasheet
325Kb / 6P
   Optocoupler module; Red status indicator; gray
788-121 WAGO-788-121 Datasheet
53Kb / 3P
   Accessories for relay modules; Operation status indicator
788-125 WAGO-788-125 Datasheet
51Kb / 3P
   Accessories for relay modules; Operation status indicator: red
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com