Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5209 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA5209
Description  Wideband variable gain amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5209 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA5209 Datasheet HTML 6Page - NXP Semiconductors SA5209 Datasheet HTML 7Page - NXP Semiconductors SA5209 Datasheet HTML 8Page - NXP Semiconductors SA5209 Datasheet HTML 9Page - NXP Semiconductors SA5209 Datasheet HTML 10Page - NXP Semiconductors SA5209 Datasheet HTML 11Page - NXP Semiconductors SA5209 Datasheet HTML 12Page - NXP Semiconductors SA5209 Datasheet HTML 13Page - NXP Semiconductors SA5209 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product specification
SA5209
Wideband variable gain amplifier
1997 Nov 07
10
50
1.5
–100
–50
0
150
100
VCC = 7.0V
VCC = 4.5V
Temperature (
°C)
1.45
1.4
1.35
1.3
1.25
1.2
1.15
1.1
1.05
1
DC Tested
See test-setup 1
SR00255
Figure 19. Input Resistance vs Temperature
2.5
–100
50
150
100
Temperature (
°C)
0
–50
2
1.5
1
0.5
0
VCC = 7.0V
VCC = 6.0V
VCC = 5.0V
VCC = 4.5V
DC Tested
See test-setup 1
SR00257
Figure 20. Input Bias Voltage vs Temperature
5
–100
50
150
100
0
–50
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Temperature (
°C)
DC Tested
See test-setup 1
VCC = 7.0V
VCC = 6.0V
VCC = 5.0V
VCC = 4.5V
SR00256
Figure 21. Output Bias Voltage vs Temperature and VCC
–100
–50
150
2.5
Temperature (
°C)
0
50
100
2
1.5
1
0.5
0
VAGC = 1.1V
RL = 10kΩ
DC Tested
See test-setup 1
SR00258
Figure 22. DC Output Swing vs Temperature


Similar Part No. - SA5209

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
SA5209D PHILIPS-SA5209D Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
SA5209N PHILIPS-SA5209N Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
More results

Similar Description - SA5209

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
   Variable-Gain Ultra-Wideband Voltage Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
NXP Semiconductors
AN11228 NXP-AN11228 Datasheet
818Kb / 21P
   BGA301x Wideband Variable Gain Amplifier Application
Rev. 2-3 February 2014
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com