Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY240S Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGY240S
Description  UHF amplifier module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY240S Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGY240S Datasheet HTML 4Page - NXP Semiconductors BGY240S Datasheet HTML 5Page - NXP Semiconductors BGY240S Datasheet HTML 6Page - NXP Semiconductors BGY240S Datasheet HTML 7Page - NXP Semiconductors BGY240S Datasheet HTML 8Page - NXP Semiconductors BGY240S Datasheet HTML 9Page - NXP Semiconductors BGY240S Datasheet HTML 10Page - NXP Semiconductors BGY240S Datasheet HTML 11Page - NXP Semiconductors BGY240S Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1999 Aug 23
10
Philips Semiconductors
Product specification
UHF amplifier module
BGY240S
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
99-02-06
IEC
JEDEC
EIAJ
SOT388C
y
0
5
10 mm
scale
Rectangular single-ended surface-mount package; metal cap; 4 in-line leads
SOT388C
UNIT
c
be
e1
E
L1
UU1
wZ
y
mm
0.30
0.20
5.08
12.2
11.8
D
17.1
16.7
L
2.54
17.3
16.9
0.7
0.3
3.4
3.0
0.15
0.25
DIMENSIONS (mm are the original dimensions)
6.0
5.6
2.3
1.9
A
2.7
2.3
0.56
0.46
U
D
A
U1
L1
c
E
L
b
w M
e1
e
e
Z
12
3
4


Similar Part No. - BGY240S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY241 PHILIPS-BGY241 Datasheet
89Kb / 12P
   UHF amplifier module
1999 Sep 09
More results

Similar Description - BGY240S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
BGY916 PHILIPS-BGY916 Datasheet
88Kb / 12P
   UHF amplifier module
1998 May 27
BGY1916 PHILIPS-BGY1916 Datasheet
84Kb / 12P
   UHF amplifier module
1998 May 27
BGY241 PHILIPS-BGY241 Datasheet
89Kb / 12P
   UHF amplifier module
1999 Sep 09
BGY925 PHILIPS-BGY925 Datasheet
88Kb / 12P
   UHF amplifier module
2000 Feb 02
BGY212A PHILIPS-BGY212A Datasheet
132Kb / 11P
   UHF amplifier module
1999 Aug 23
BGY1816 PHILIPS-BGY1816 Datasheet
84Kb / 12P
   UHF amplifier module
1998 May 27
BGY1816S PHILIPS-BGY1816S Datasheet
68Kb / 12P
   UHF amplifier module
1999 Apr 13
BGY2016 PHILIPS-BGY2016 Datasheet
60Kb / 12P
   UHF amplifier module
2000 Jan 04
BGY204 PHILIPS-BGY204 Datasheet
61Kb / 11P
   UHF amplifier module
1996 May 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com