Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T498A227M010ATE1K5 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T498A227M010ATE1K5
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498A227M010ATE1K5 Datasheet(HTML) 2 Page - Kemet Corporation

  T498A227M010ATE1K5 Datasheet HTML 1Page - Kemet Corporation T498A227M010ATE1K5 Datasheet HTML 2Page - Kemet Corporation T498A227M010ATE1K5 Datasheet HTML 3Page - Kemet Corporation T498A227M010ATE1K5 Datasheet HTML 4Page - Kemet Corporation T498A227M010ATE1K5 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T498 SERIES—HIGH TEMPERATURE (150°)
T498 RATINGS & PART NUMBER REFERENCE
LAND PATTERN DIMENSIONS
FOR REFLOW SOLDER
KEMET/
EIA Size
Code
Pad Dimensions
Z
G
X
Y
(Ref)
C
(Ref)
A/3216-18
4.70
0.80
1.50
1.95
2.75
B/3528-21
5.00
1.10
2.50
1.95
3.05
C/6032-28
7.60
2.50
2.50
2.55
5.05
D/7343-31
8.90
3.80
2.70
2.55
6.35
X/7343-43
8.90
3.80
4.40
2.55
6.35
Case Codes
Tape & Reel Dimensions
KEMET
EIA
Tape
Width
(mm)
Pitch
mm ± 0.1
Reel Quantity
Part Sprocket
180mm
(7”)
330mm
(13”)
A
3216-18
8 ± 0.3
8
4
2000
9000
B
3528-21
8 ± 0.3
8
4
2000
8000
C
6032-28 12 ± 0.3
8
4
500
3000
D
7343-31 12 ± 0.3
8
4
500
2500
X
7343-43 12 ± 0.3
8
4
500
2000
PACKAGING SPECIFICATIONS
COMPONENT MARKING
227
10K
525
Polarity
Indicator (+)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“525” = 25th Week of 2005
KEMET ID
(HT)
KEMET
High
Temp
(1) To complete KEMET part number, insert K - ± 10% or M - ±20% capacitance tolerance.
(2) To complete KEMET part number, insert T for 100% tin, H for Sn/Pb or G for gold.
** 6 volt product equivalent to 6.3 volt product.
Note: Higher voltage ratings, lower ESR and tighter capacitance tolerance
product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
C
X
Grid
Placement
Courtyard
G
Y
Z
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μA @
25ºC Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25°C
100 kHz
Max
10.0
B
T498B106(1)006A(2)E2K1
0.7
6.0
2.1
15.0
B
T498B156(1)006A(2)E1K8
1.0
6.0
1.8
22.0
C
T498C226(1)006A(2)E1K3
1.4
6.0
1.3
33.0
B
T498B336(1)006A(2)E1K7
2.1
6.0
1.7
47.0
C
T498C476(1)006A(2)E800
3.0
6.0
0.8
100.0
D
T498D107(1)006A(2)E600
6.3
8.0
0.6
2.2
A
T498A225(1)010A(2)E4K6
0.5
6.0
4.6
3.3
A
T498A335(1)010A(2)E3K6
0.5
6.0
3.6
4.7
A
T498A475(1)010A(2)E2K9
0.5
6.0
2.9
4.7
B
T498B475(1)010A(2)E2K7
0.5
6.0
2.7
10.0
B
T498B106(1)010A(2)E1K8
1.0
6.0
1.8
15.0
B
T498B156(1)010A(2)E1K5
1.5
6.0
1.5
15.0
C
T498C156(1)010A(2)E1K8
1.5
6.0
1.8
22.0
B
T498B226(1)010A(2)E1K5
2.2
6.0
1.5
22.0
C
T498C226(1)010A(2)E1K1
2.2
6.0
1.1
47.0
D
T498D476(1)010A(2)E600
4.7
6.0
0.6
100.0
D
T498D107(1)010A(2)E600
10.0
8.0
0.6
220.0
X
T498X227(1)010A(2)E500
22.0
8.0
0.5
1.0
A
T498A105(1)016A(2)E6K5
0.5
4.0
6.5
3.3
A
T498A335(1)016A(2)E3K4
0.5
6.0
3.4
4.7
B
T498B475(1)016A(2)E2K1
0.8
6.0
2.1
6.8
A
T498A685(1)016A(2)E2K6
1.1
6.0
2.6
6.8
B
T498B685(1)016A(2)E1K8
1.1
6.0
1.8
10.0
B
T498B106(1)016A(2)E2K8
1.6
6.0
2.8
10.0
C
T498C106(1)016A(2)E1K4
1.6
6.0
1.4
15.0
C
T498C156(1)016A(2)E1K1
2.4
6.0
1.1
22.0
C
T498C226(1)016A(2)E1K0
3.6
6.0
1.0
33.0
D
T498D336(1)016A(2)E600
5.3
6.0
0.6
47.0
D
T498D476(1)016A(2)E600
7.5
6.0
0.6
68.0
D
T498D686(1)016A(2)E600
10.8
6.0
0.6
100.0
X
T498X107(1)016A(2)E100
16.0
8.0
0.1
1.0
A
T498A105(1)020A(2)E5K9
0.5
4.0
5.9
10.0
C
T498C106(1)020A(2)E1K1
2.0
6.0
1.1
0.47
A
T498A474(1)025A(2)E8K5
0.5
4.0
8.5
2.2
B
T498B225(1)025A(2)E3K0
0.6
6.0
3.0
10.0
C
T498C106(1)025A(2)E1K1
2.5
6.0
1.1
15.0
D
T498D156(1)025A(2)E700
3.8
6.0
0.7
22.0
D
T498D226(1)025A(2)E600
5.5
6.0
0.6
33.0
D
T498D336(1)025A(2)E600
8.3
6.0
0.6
0.33
A
T498A334(1)035A(2)E11K
0.5
4.0
11.0
1.0
A
T498A105(1)035A(2)E10K
0.5
4.0
10.0
1.5
C
T498C155(1)035A(2)E3K3
0.5
6.0
3.3
3.3
C
T498C335(1)035A(2)E1K7
1.2
6.0
1.7
6.8
D
T498D685(1)035A(2)E900
2.4
6.0
0.9
10.0
D
T498D106(1)035A(20E700
3.5
6.0
0.7
22.0
X
T498X226(1)035A(2)E500
7.7
6.0
0.5
33.0
X
T498X336(1)035A(2)E500
11.6
6.0
0.5
3.3
D
T498D335(1)050A(2)E1K1
1.7
6.0
1.1
10.0
D
T498D106(1)050A(2)E1K0
5.0
6.0
1.0
25 Volt Rating at +85ºC (17 Volt Rating at +150ºC)
35 Volt Rating at +85ºC (24 Volt Rating at +150ºC)
50 Volt Rating at +85ºC (34 Volt Rating at +150ºC)
**6 Volt Rating at +85ºC ( 4 Volt Rating at +150ºC)
10 Volt Rating at +85ºC ( 7 Volt Rating at +150ºC)
16 Volt Rating at +85ºC (11 Volt Rating at +150ºC)
20 Volt Rating at +85ºC (13 Volt Rating at +150ºC)


Similar Part No. - T498A227M010ATE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498A227M010ATE500 KEMET-T498A227M010ATE500 Datasheet
1Mb / 18P
   T498 Series Automotive Grade MnO2 150째C
More results

Similar Description - T498A227M010ATE1K5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com