Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5200 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5200
Description  RF dual gain-stage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5200 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5200 Datasheet HTML 3Page - NXP Semiconductors SA5200 Datasheet HTML 4Page - NXP Semiconductors SA5200 Datasheet HTML 5Page - NXP Semiconductors SA5200 Datasheet HTML 6Page - NXP Semiconductors SA5200 Datasheet HTML 7Page - NXP Semiconductors SA5200 Datasheet HTML 8Page - NXP Semiconductors SA5200 Datasheet HTML 9Page - NXP Semiconductors SA5200 Datasheet HTML 10Page - NXP Semiconductors SA5200 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
SA5200
RF dual gain-stage
1997 Nov 07
5–7
NE5200
IF OUT
NE5200
NE5200
IF IN
IF OUT
SR00172
Figure 7. 60dB IF Gain Block for 100-300MHz IF for GPS/DBS Systems
20
VCC (V)
45
6
7
8
9
+85
°C
18
16
14
12
10
8
6
4
–40
°C
SR00173
Figure 8. Supply Current vs Supply Voltage and Temperature
456
7
8
9
VCC (V)
500
450
400
350
300
250
200
150
100
50
0
+85
°C
–40
°C
+25
°C
SR00175
Figure 9. Disabled Supply Current vs VCC and Temperature
-5
-10
-15
-20
-25
10
100
1000
2000
4V
5V
6V
7V
9V
TA = +25°C
FREQUENCY (MHz)
SR00174
Figure 10. Input Match vs Frequency and VCC
-8
VCC = 5V
-10
-12
-14
-16
-18
-20
10
100
1000
2000
FREQUENCY (MHz)
+85
°C
+25
°C
-40
°C
SR00176
Figure 11. Input Match vs Frequency and Temperature


Similar Part No. - SA5200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204 PHILIPS-SA5204 Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5204A PHILIPS-SA5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5204AD PHILIPS-SA5204AD Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204AD PHILIPS-SA5204AD Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Similar Description - SA5200

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
TAT7472A1F TRIQUINT-TAT7472A1F Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com