Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C630C339JDG5TA Datasheet(PDF) 3 Page - Kemet Corporation

Part # C630C339JDG5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C630C339JDG5TA Datasheet(HTML) 3 Page - Kemet Corporation

  C630C339JDG5TA Datasheet HTML 1Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 2Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 3Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 4Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 5Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 6Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 7Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 8Page - Kemet Corporation C630C339JDG5TA Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
C617
C622
C627
C630
C637
C640
C642
C647
C657
C667
C623
C628
C631
C638
C641
C643
C648
C658
C668
H
S
L
S
L
D
D
*
* .276 (7.00) Min.
*
H
*
DIMENSIONS - INCHES AND MILLIMETERS
CERAMIC CONFORMALLY COATED/RADIAL
HIGH VOLTAGE “GOLDEN MAX”
For packaging information, see pages 40, and 41.
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
15
K
K6
6D
D
1
10
02
2K
K
K
K6
6D
DR
R
1
10
03
3K
K
K
K6
6G
G
1
10
02
2K
K
1
10
00
00
0V
V
0
05
51
14
4
KEMET
Series
Capacitance,
Tolerance
Voltage
Capacitance,
Tolerance
Dielectric
Voltage
Series
KEMET
Capacitance,
Tolerance
Voltage
Series
KEMET
Rated
Voltage
Date
Code
C
C6
61
17
7 &
& C
C6
62
2X
X
C
C6
63
3X
X
C
C6
64
4X
X,, C
C6
65
5X
X,, C
C6
66
6X
X
Front View
Back View
MARKING INFORMATION
CAPACITOR OUTLINE DRAWING
C 622 C
102
M
D
R
5
T
A
CERAMIC
CASE SIZE
See Table Above
SPECIFICATION
C – Standard
CAPACITANCE PICOFARAD CODE
Expressed in picofarads (pF). First two
digits represent significant figures. Third
digit specifies number of zeros. Use 9 for
1.0 thru 9.9 pF. Example 2.2pF = 229
CAPACITANCE TOLERANCE
C
C0
0G
G::J – ±5%, K – ±10%; M – ±20%
X
X7
7R
R:: K – ±10%; M – ±20%; P – 0, -100%;
Z – -20,+80%
RATED VOLTAGE
C – 500
G – 2000
D – 1000
Z – 2500
F – 1500
H – 3000
FAILURE RATE
A – Not Applicable
TERMINATION MATERIAL
T – Standard
INTERNAL CONSTRUCTION
5 – Standard
DIELECTRIC
EIA Designation
G – C0G (NP0) - Ultra Stable
R – X7R - Stable
ORDERING INFORMATION
C617
.250 (6.35)
.220 (5.59)
.200 (5.08)
.170 (4.32)
.025 (.64)
C622/3
.320 (8.13)
.280(7.11)
.250 (6.35)
.220 (5.59)
.025 (.64)
C627/8
.370 (9.40)
.300 (7.62)
.250 (6.35)
.275 (6.98)
.025 (.64)
C630/1
.450 (11.40)
.220 (5.59)
.200 (5.08)
.300 (7.62)
.025 (.64)
C637/8
.470 (11.90)
.400 (10.20)
.270 (6.89)
.375 (9.52)
.025 (.64)
C640/1
.550 (14.00)
.280 (7.11)
.250 (6.35)
.400 (10.16)
.025 (.64)
C642/3
.500 (12.70)
.560(14.22)
.200 (5.08)
.400 (10.16)
.025 (.64)
C647/8
.570 (14.50)
.500(12.70)
.270 (6.89)
.475 (12.06)
.025 (.64)
C657/8
.670 (17.02
.600 (15.24)
.270 (6.89)
.575 (14.60)
.025 (.64)
C667/8
.770 (19.56)
.720 (18.29)
.270 (6.89)
.675 (17.14)
.025 (.64)
Lead Spacing
inches (mm)
LD (Nominal)
inches (mm)
Case
Size
L MAX
inches (mm)
H MAX
inches (mm)
T MAX.
inches (mm)


Similar Part No. - C630C339JDG5TA

ManufacturerPart #DatasheetDescription
logo
Powerbox
C630 POWERBOX-C630 Datasheet
501Kb / 1P
   500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Kemet Corporation
C630 KEMET-C630 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
C630/C631 KEMET-C630/C631 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C630/C631 KEMET-C630/C631 Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C630/C631 KEMET-C630/C631 Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C630C339JDG5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com