Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP70-04W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP70-04W
Description  Silicon PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP70-04W Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP70-04W Datasheet HTML 1Page - NXP Semiconductors BAP70-04W Datasheet HTML 2Page - NXP Semiconductors BAP70-04W Datasheet HTML 3Page - NXP Semiconductors BAP70-04W Datasheet HTML 4Page - NXP Semiconductors BAP70-04W Datasheet HTML 5Page - NXP Semiconductors BAP70-04W Datasheet HTML 6Page - NXP Semiconductors BAP70-04W Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BAP70-04W_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 3 April 2007
2 of 7
NXP Semiconductors
BAP70-04W
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking codes
Type number
Marking code
BAP70-04W
1Np
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
continuous reverse voltage
-
50
V
IF
continuous forward current
-
100
mA
Ptot
total power dissipation
Ts = 90 °C
-
260
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-s)
thermal resistance from junction to soldering point
230
K/W
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 50 V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz
VR = 0 V
-
600
-
fF
VR = 1 V
-
430
-
fF
VR = 20 V
-
250
300
fF
rD
diode forward
resistance
see Figure 2; f = 100 MHz
IF = 0.5 mA
-
77
100
IF = 1 mA
-
40
50
IF = 10 mA
-
5.4
7
IF = 100 mA
-
1.4
1.9
τL
charge carrier life time
when switched from IF =10mAtoIR = 6 mA;
RL = 100 Ω; measured at IR = 3 mA
-
1.25
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
1.4
-
nH


Similar Part No. - BAP70-04W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70-04W PHILIPS-BAP70-04W Datasheet
42Kb / 7P
   Silicon PIN diode
Rev. 01-5 March 2004
BAP70-04W NXP-BAP70-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP70-04W NXP-BAP70-04W Datasheet
196Kb / 10P
   Silicon PIN diode
Rev. 5 ??13 December 2018
BAP70-04W PHILIPS-BAP70-04W_15 Datasheet
173Kb / 8P
   Silicon PIN diode
Rev. 4-16 April 2014
logo
Quanzhou Jinmei Electro...
BAP70-04W JMNIC-BAP70-04W_15 Datasheet
54Kb / 7P
   Silicon PIN diode
More results

Similar Description - BAP70-04W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com