Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A700V686M006ATE025 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A700V686M006ATE025
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700V686M006ATE025 Datasheet(HTML) 1 Page - Kemet Corporation

  A700V686M006ATE025 Datasheet HTML 1Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 2Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 3Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 4Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 5Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 6Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 7Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 8Page - Kemet Corporation A700V686M006ATE025 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Introduction
KEMET entered the world of aluminum capacitors with
the introduction of the AO-CAP, designated the A700
Series, which has been targeted for power management
applications. The structure of the AO-CAP uses alu-
minum as the anode material, aluminum oxide as the
dielectric, and a conductive organic polymer for its
counter-electrode material. The A700 series is 100%
screened for all electrical parameters: Capacitance @
120Hz, Dissipation Factor (DF) @ 120 Hz, ESR @ 100
kHz, and DC Leakage.
The AO-CAP offers many advantages including extreme-
ly low ESR, high capacitance retention at high operating
frequencies, no dry-out related failure mechanism and
no voltage de-rating up to125°C.
ELECTRICAL
1. Operating Temperature Range
• -55°C to +125°C
No derating with temperature is required.
2. Non-Operating Temperature Range
• -55°C to 125°C
3. Capacitance and Tolerance
• 22µF to 470µF
• ±20% Tolerance
Capacitance is measured at 120 Hz, up to 1.0 volt
rms maximum and up to 2.5V DC maximum. DC
bias causes only a small reduction in capacitance,
up to about 2% when full rated voltage is applied.
DC bias is not commonly used for room temperature
measurements but is more commonly used when
measuring at temperature extremes.
Capacitance does decrease with increasing fre-
quency, but not nearly as much or as quickly as
standard tantalums. Figure 1 compares the frequen-
cy induced cap roll-off between the AO-CAP and tra-
ditional MnO2 types. Capacitance also increases
with increasing temperature. See Section 12 for tem-
perature coefficients.
Figure 1.
4. Voltage Ratings
• 2 - 10 VDC Rated Voltage
This is the maximum peak DC operating voltage
from -55°C to +125°C for continuous duty.
Surge Voltage Ratings
Surge voltage capability is demonstrated by applica-
tion of 1000 cycles of the relevant voltage at 25°C,
85°C, or 125 °C. The parts are charged through a 33
ohm resistor for 30 seconds and then discharged
through a 33 ohm resistor for 30 seconds for each
cycle.
Voltage Ratings • Table 1
5. Reverse Voltage Rating & Polarity
Aluminum polymer capacitors are polar devices and
may be permanently damaged or destroyed if con-
nected in the wrong polarity. The positive terminal is
identified by a laser-marked stripe. These capacitors
will withstand a certain degree of transient voltage
reversal for short periods as shown in the following
table. Please note that these parts may not be oper-
ated continuously in reverse, even within these limits.
Table 2
6. DC Leakage Current
Because of the high conductivity of the polymer, the
AO-CAP family has higher leakage currents than tra-
ditional MnO2 type Tantalum caps. The DC Leakage
limits at 25°C are calculated as 0.06 x C x V, (where
C is cap in µF and V is rated voltage in Volts) for
part types with rated voltage
≤ 4V, and equals 0.04 x
C x V, for voltages > 4V. Limits for all part numbers
are listed in the ratings tables.
Rated
Surge
Voltage
Voltage
-55°C to 125 °C
2V
2.6V
2.5V
3.2V
4V
5.2V
6.3V
8V
8V
10.4V
10V
13V
Temperature
Permissible Transient Reverse Voltage
25°C
60% of Rated Voltage
55°C
50% of Rated Voltage
85°C
40% of Rated Voltage
125°C
30% of Rated Voltage
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
58


Similar Part No. - A700V686M006ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V106M006ATE055 KEMET-A700V106M006ATE055 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V156M016ATE040 KEMET-A700V156M016ATE040 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 15 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
A700V226M016ATE018 KEMET-A700V226M016ATE018 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 22 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
More results

Similar Description - A700V686M006ATE025

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com