Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A700V566M006ATE028 Datasheet(PDF) 7 Page - Kemet Corporation

Part # A700V566M006ATE028
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700V566M006ATE028 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button A700V566M006ATE028 Datasheet HTML 3Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 4Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 5Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 6Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 7Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 8Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 9Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 10Page - Kemet Corporation A700V566M006ATE028 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
APPLICATIONS
• Input/Output Filters for voltage regulators, converters, and SMPS
• Power Decoupling (Procesor, Transmitter circuits)
• Battery Decoupling (portable, handheld electronics)
• Bulk Capacitor Requirements
FEATURES
• Polymer Cathode Technology
• 100% Accelerated Steady State Aging
• Extremely Low ESR
• Pb Free and RoHS Compliant
• High Frequency Capacitance Retention
• Solid-state Technology
• Non-ignition Failure Mode
• Molded Case with Wraparound Termination
• Capacitance: 22 to 470 µF
• Voltage: 2 to 10V
• Self-healing Mechanism
• No Reformation Required
• -55° to +125°C Capability
• EIA Standard Case Size
• No temperature voltage Derating Up To 125°C
• No Dry-out Related Failure Mechanism
• Robust to Surface Mount Process
OUTLINE DRAWING
Case Size
KEMET
EIA
L
W
H
K Min.
F ±0.1
S ±0.2
V
7343-20
7.3 ± 0.3
4.3 ± 0.3
1.9 ± 0.1
0.9
2.4
1.3
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.3
2.4
1.3
X
7343-43
7.3 ± 0.3
4.3 ± 0.3
4.0 ± 0.3
2.1
2.4
1.3
DIMENSIONS - MILLIMETERS
Note that glue pad shape may differ at KEMET’s discretion.
K
W
H
S
S
L
F
End View
Side View
Bottom View
A700 ORDERING INFORMATION
A
700
V
476
M
006
A
T
E018
Aluminum
Series
700 Chip
Case Size
V,D,X
Capacitance Picofarad Code
First two digits represent
significant figures. Third digit
specifies number of zeros.
Capacitance Tolerance
M = ±20%
Voltage
As Shown
Failure Rate Level
A = Not Applicable
Lead Material
T = 100% Tin (Sn) Plated
ESR
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
A700 Series
64


Similar Part No. - A700V566M006ATE028

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V106M006ATE055 KEMET-A700V106M006ATE055 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700V106M016ATE045 KEMET-A700V106M016ATE045 Datasheet
849Kb / 19P
   A700 Polymer Aluminum, 2 – 35 VDC
7/26/2022
A700V156M016ATE040 KEMET-A700V156M016ATE040 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 15 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
A700V226M016ATE018 KEMET-A700V226M016ATE018 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 22 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
More results

Similar Description - A700V566M006ATE028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com