Electronic Components Datasheet Search |
|
MB95F134MS Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
MB95F134MS Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 63 page MB95130M Series 5 (Continued) *1 : For ROM capacity and RAM capacity, refer to “1. Memory space” in “ ■ CPU CORE”. *2 : For details of option, refer to “ ■ MASK OPTION”. *3 : Specify clock mode when ordering MASK ROM. *4 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc. Note : Part number of evaluation product in MB95130M series is MB95FV100D-103. When using it, the MCU board (MB2146-303A) is required. Part number Parameter MB95136M MB95F133MS MB95F134MS MB95F136MS MB95F133NS MB95F134NS MB95F136NS MB95F133MW MB95F134MW MB95F136MW MB95F133NW MB95F134NW MB95F136NW MB95F133JS MB95F134JS MB95F136JS MB95F133JW MB95F134JW MB95F136JW 8/16-bit compound timer Each channel of the timer can be used as "8-bit timer x 2 channels" or "16-bit timer x 1 channel". Built-in timer function, PWC function, PWM function, capture function and square wave-form output Count clock: 7 internal clocks and external clock can be selected. 16-bit PPG PWM mode or one-shot mode can be selected. Counter operating clock: Eight selectable clock sources Support for external trigger start 8/16-bit PPG Each channel of the PPG can be used as "8-bit PPG x 2 channels" or "16-bit PPG x 1 channel". Counter operating clock: Eight selectable clock sources Watch counter (for dual clock product) Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s) Counter value can be set from 0 to 63. (Capable of counting for 1 minute when selecting clock source 1 second and setting counter value to 60) Watch prescaler (for dual clock product) Four selectable interval times (125 ms, 250 ms, 500 ms, or 1 s) External interrupt (8 channels) Interrupt by edge detection (rising, falling, or both edges can be selected.) Can be used to recover from standby modes. Flash memory Supports automatic programming, Embedded AlgorithmTM *4 Write/Erase/Erase-Suspend/Resume commands A flag indicating completion of the algorithm Number of write/erase cycles (Minimum) : 10000 times Data retention time : 20 years Erase can be performed on each block Block protection with external programming voltage Flash Security Feature for protecting the content of the Flash (MB95F136MS/F136NS/F136JS/F136MW/F136NW/F136JW) Standby mode Sleep, stop, watch (for dual clock product), and timebase timer |
Similar Part No. - MB95F134MS |
|
Similar Description - MB95F134MS |