Part Name
         Description
LB123T

 TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR ( 1 Page)


DCCOM
100% 
Zoom Out Zoom In
   
 1 page
background image
LB123T
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Pinning
1 = Emitter
2 = Collector
3 = Base
TO-126
Dimensions in inches and (millimeters)
.055(1.39)
.045(1.14)
.032(0.81)
.028(0.71)
.052(1.32)
.048(1.22)
.620(15.75)
.600(15.25)
.279(7.09)
.275(6.99)
.041(1.05)
.037(0.95)
.022
(0.55)
.154(3.91)
.150(3.81)
Typ
3oTyp
3oTyp
.105(2.66)
.095(2.41)
.189(4.80)
.171(4.34)
.304(7.72)
.285(7.52)
3oTyp
3oTyp
.152(3.86)
.138(3.50)
1
2
3
Description
Designed for high voltage, high speed switching
circuits, and amplifier applications.
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
600
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
8
V
Collector Current(DC)
IC
1
A
Collector Current(Pluse)
IC
2
A
Total Power Dissipation
PD
3.5
W
Total Power Dissipation(TC=25oC)
PD
30
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
600
-
-
V
IC=1mA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
400
-
-
V
IC=10mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
8
-
-
V
IE=1mA, IC=0
Collector Cutoff Current
ICBO
-
-
10
µA
VCB=600V, IE=0
Emitter Cutoff Current
IEBO
-
-
10
µA
VBE=9V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
0.8
V
IC=0.1A, IB=10mA
VCE(sat)2
-
-
0.9
V
IC=0.3A, IB=30mA
Base-Emitter Saturation Voltage(1)
VBE(sat)1
-
-
1.2
V
IC=0.1A, IB=10mA
VBE(sat)2
-
-
1.8
V
IC=0.3A, IB=30mA
hFE1
10
-
50
-
IC=0.3A, VCE=5V
DC Current Gain(1)
hFE2
10
-
-
-
IC=0.5A, VCE=5V
hFE3
6
-
-
-
IC=1A, VCE=5V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Rank
B1
B2
B3
B4
B5
B6
B7
B8
Range
10~17
13~22
18~27
23~32
28~37
33~42
38~47
43~50
Classification of hFE1



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMBT1815TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBT9013TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBT2222TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBT9014TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DXT5551TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBT2222ATECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DXTA42TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBTA05TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DXTA44TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components
DMBTA06TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR 1 Dc Components

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl