Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C412C829K1G5TA Datasheet(PDF) 8 Page - Kemet Corporation

Part # C412C829K1G5TA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C412C829K1G5TA Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C412C829K1G5TA Datasheet HTML 4Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 5Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 6Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 7Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 8Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 9Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 10Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 11Page - Kemet Corporation C412C829K1G5TA Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
8
50
100
200
50
100
200
50
100
200
50
100
200
50
100
200
1000pF
102
M,Z
1200
122
M,Z
1500
152
M,Z
1800
182
M,Z
2200
222
M,Z
2700
272
M,Z
3300
332
M,Z
3900
392
M,Z
4700
472
M,Z
5600
562
M,Z
6800
682
M,Z
8200
822
M,Z
.010uF
103
M,Z
.012
123
M,Z
.015
153
M,Z
.018
183
M,Z
.022
223
M,Z
.027
273
M,Z
.033
333
M,Z
.039
393
M,Z
.047
473
M,Z
.056
563
M,Z
.068
683
M,Z
.082
823
M,Z
.10
104
M,Z
.12
124
M,Z
.15
154
M,Z
.18
184
M,Z
.22
224
M,Z
.27
274
M,Z
.33
334
M,Z
.39
394
M,Z
.47
474
M,Z
.56
564
M,Z
.68
684
M,Z
.82
824
M,Z
1.0
105
M,Z
1.2
125
M,Z
1.5
155
M,Z
1.8
185
M,Z
2.2
225
M.Z
C440
WVDC
WVDC
WVDC
WVDC
WVDC
C410
C412
C420
C430
Cap
Style
Cap
Code
Cap
Tol
RATINGS & PART NUMBER REFERENCE
GENERAL PURPOSE TEMPERATURE CHARACTERISTIC – Z5U
For packaging information, see pages 39 and 41.


Similar Part No. - C412C829K1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C412C104J5R5TA KEMET-C412C104J5R5TA Datasheet
59Kb / 1P
   Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R
C412C104K5R5TA KEMET-C412C104K5R5TA Datasheet
57Kb / 1P
   Ceramic, Commercial Grade, AxiMax, 0.1 uF, 10%, 50 V, X7R
C412C104K5R5TA7200 KEMET-C412C104K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C412C105J1R5HA7200 KEMET-C412C105J1R5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C412C105J1R5HA7293 KEMET-C412C105J1R5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C412C829K1G5TA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com