Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBK25B Datasheet(PDF) 1 Page - Dc Components

Part # GBK25B
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

GBK25B Datasheet(HTML) 1 Page - Dc Components

  GBK25B Datasheet HTML 1Page - Dc Components GBK25B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Average Forward
(with heatsink Note 2)
Rectified Current @Tc=100oC
(without heatsink)
FEATURES
* Ideal for printed circuit board
* Surge overload rating: 260 Amperes peak
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
GBK
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
I(AV)
IFSM
VRMS
Volts
Volts
Amps
25
350
Amps
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
GBK25A GBK25B GBK25D GBK25G GBK25J GBK25K GBK25M
Volts
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
VF
IR
1.1
500
Maximum Forward Voltage Drop per element at 4.0A DC
Volts
@TJ = 25
oC
@TJ = 125
oC
10
mAmps
I2t Rating for Fusing (t<8.3ms)
I2t
510
A2Sec
Typical Junction Capacitance ( Note1)
CJ
85
pF
Typical Thermal Resistance (Note 2)
R
qJA
0.6
0
C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Case per element Unit mounted on 100x100x1.6mm Cu plate heat-sink.
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 25 Amperes
RECTIFIER SPECIALISTS
R
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
MECHANICAL DATA
Operating Temperature Range
T J
-55 to +150
C
STG
0
Storage Temperature Range
T
-55 to +150
0C
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
GBK25A
THRU
GBK25M
* Mounting position: Any
4.2
* Glass passivated junction
.106(2.7)
.096(2.3)
.094(2.4)
.078(2.0)
1.193(30.3)
1.169(29.7)
.043(1.1)
.035(0.9)
HOLE FOR
NO. 6 SCREW
SPACING
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.402(10.2)
.386(9.8)
.134(3.4)
.122(3.1)
.114(2.9)
.098(2.5)
.031(0.8)
.023(0.6)
DC COMPONENTS CO., LTD.


Similar Part No. - GBK25B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBK201209T-102Y-N ETC1-GBK201209T-102Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-121Y-N ETC1-GBK201209T-121Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-151Y-N ETC1-GBK201209T-151Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-152Y-N ETC1-GBK201209T-152Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
GBK201209T-202Y-N ETC1-GBK201209T-202Y-N Datasheet
717Kb / 14P
   SMD Chip Beads
More results

Similar Description - GBK25B

ManufacturerPart #DatasheetDescription
logo
Dc Components
D3KB3A DCCOM-D3KB3A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
KBP200 YEASHIN-KBP200 Datasheet
416Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
logo
Dc Components
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
6A05G DCCOM-6A05G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com