Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A700D187M2R5ATE015 Datasheet(PDF) 4 Page - Kemet Corporation

Part # A700D187M2R5ATE015
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700D187M2R5ATE015 Datasheet(HTML) 4 Page - Kemet Corporation

  A700D187M2R5ATE015 Datasheet HTML 1Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 2Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 3Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 4Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 5Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 6Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 7Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 8Page - Kemet Corporation A700D187M2R5ATE015 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ENVIRONMENTAL
11. Temperature Stability
Mounted capacitors withstand extreme temperature
testing at a succession or continuous steps at
+25°C, -55°C, +25°C, +85°C, +125°C, +25°C in that
order. Capacitors are allowed to stabilize at each
temperature before measurement. Cap, DF, and
DCL are measured at each temperature; except DC
Leakage is not measured at -55°C.
Table 4 - Acceptable limits are as follows:
12. Standard Life Test
• 85°C, Rated Voltage, 2000 Hours
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within initial limit
13. High Temperature Life Test
• 125°C, Rated Voltage, 2000 Hours
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within 1.25 x initial limit
d. ESR: within 2 x initial limit
14. Storage Life Test
• 125°C, O VDC, 2000 Hours
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within 1.25 x initial limit
d. ESR: within 2 x initial limit
15. Thermal Shock
• Mil-Std-202, Method 107, Condition B
Minimum temperature is -55°C
Maximum temperature is +125°C
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within 2 x initial limit
16. Moisture Sensitivity Level (MSL)
• J-Std-020
a. Capacitance: within ±30% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within 2 x initial limit
Meets MSL 3 requirements for SnPb assembly.
17. Load Humidity
• 85°C, 85% RH, Rated Voltage, 500 Hours
a. Capacitance: within +30/-5% of initial value
b. DF: within initial limit
c. DC Leakage: within 5 x initial limit
d. ESR: within 2 x initial limit
18. ESD
• Polymer Aluminum capacitors are not sensi-
tive to Electro-Static Discharge (ESD).
19. Failure Mechanism and Reliability
The normal failure mechanism is dielectric break
down. Dielectric failure can result in high DC
Leakage current and may proceed to the level of a
short circuit. With sufficient time to charge, healing
may occur by one of two potential mechanisms. The
polymer adjacent to the dielectric fault site may over-
heat and vaporize, disconnecting the fault site from
the circuit. The polymer may also oxidize into a more
resistive material that caps the defect site in the
dielectric and reduces the flow of current.
Capacitor failure may be induced by exceeding the
rated conditions of forward DC voltage, reverse DC
voltage, surge current, power dissipation or tempera-
ture. Excessive environmental stress, such as pro-
longed or high temperature reflow processes may
also trigger dielectric failure.
20. Resistance to Solvents
• Mil-Std 202, Method 215
Post Test Performance:
a. Capacitance: within ±10% of initial value
b. DF: within initial limit
c. DC Leakage: within initial limit
d. ESR: within initial limit
e. Physical: no degradation of case, terminals or
marking
21. Fungus
• Mil-Std-810, Method 508
22. Flammability
• UL94 VO Classification
Step
Temp
∆∆Cap
DCL
DF
1
25°C
Specified
Tolerance
Catalog
Limit
Catalog
Limit
2
-55°C
15% of
initial value
N/A
Catalog
Limit
3
+25°C
5% of
initial value
Catalog
Limit
Catalog
Limit
4
+85°C
15% of
initial value
2X Catalog
Limit
Catalog
Limit
5
+125°C
20% of
initial value
2X Catalog
Limit
Catalog
Limit
6
+25°C
5% of
initial value
Catalog
Limit
Catalog
Limit
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
61


Similar Part No. - A700D187M2R5ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700D107M006ATE015 KEMET-A700D107M006ATE015 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
A700D157M006ATE010 KEMET-A700D157M006ATE010 Datasheet
79Kb / 1P
   Polymer Aluminum, 125C, A700, 150 uF, 20%, 6.3 V, -55/125C
More results

Similar Description - A700D187M2R5ATE015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com