Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A700X277M002ATE012 Datasheet(PDF) 6 Page - Kemet Corporation

Part # A700X277M002ATE012
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700X277M002ATE012 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button A700X277M002ATE012 Datasheet HTML 2Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 3Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 4Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 5Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 6Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 7Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 8Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 9Page - Kemet Corporation A700X277M002ATE012 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 6 - Land Pattern Dimensions for Reflow
Solder
31. Soldering
The A700 - AO-CAP family has been designed for
reflow solder processes, or for wave soldering. The
solder-coated terminations have excellent wetting
characteristics for high integrity solder fillets.
Preheating of these components is recommended to
avoid extreme thermal stress. Figure 6 represents
the recommended maximum solder temperature/
time combinations for these devices.
Hand-soldering should be avoided. However, if nec-
essary it should be performed with care due to the
difficulty in process control. Care should be taken to
avoid contact of the soldering iron to the molded
case. The iron should be used to heat the solder
pad, applying solder between the pad and the termi-
nation, until reflow occurs. The iron should be
removed. "Wiping" the edges of a chip and heating
the top surface is not recommended.
Figure 6 Sn-Pb Profile measured on the surface
of the component
* Contact KEMET for the latest A700 Pb-free sol-
dering recommendations.
32. Washing
Standard washing techniques and solvents are com-
patible with all KEMET surface mount aluminum
capacitors. Solvents such as Freon TMC and TMS,
Trichlorethane, methylene chloride, prelate, and iso-
propyl alcohol are not harmful to these components.
Please note that we are not endorsing the use of
banned or restricted solvents. We are simply stating
that they would not be harmful to the components.
If ultrasonic agitation is utilized in the cleaning
process, care should be taken to minimize energy
levels and exposure times to avoid damage to the
terminations.
KEMET AO-CAPS are also compatible with newer
aqueous and semi-aqueous processes.
33. Encapsulations
Under normal circumstances, potting or encapsula-
tion of KEMET aluminum chips is not required.
34. Storage Environment
AO capacitors are shipped in moisture barrier bags
with a desiccant and mositure indicator card. This
series is classified as MSL3 (Moisture Sensitivity
Level 3). Upon opening the moisture barrier bag,
parts should be mounted within 7 days to prevent
mositure absorption and outgassing. If the 7 day
window is exceeded, the parts can be dryed per the
instructions on the bag (168 hours at 40 ± 5°C).
AO capacitors should be stored in normal working
environments. While the chips themselves are quite
robust in other environments, solderability will be
degraded by exposure to high temperatures, high
humidity, corrosive atmospheres, and long term stor-
age. In addition, packaging materials will be degrad-
ed by high temperature (reels may soften or warp,
and tape peel force may increase). KEMET recom-
mends that maximum storage temperature not
exceed 40 degrees C, and the maximum storage
humidity not to exceed 60% relative humidity. In
addition, temperature fluctuations should be mini-
mized to avoid condensation on the parts, and
atmospheres should be free of chlorine and sulfur
bearing compounds. For optimized solderability, chip
stock should be used promptly, preferably within 1.5
years of receipt.
Component Marking
Polarity (+)
Indicator
Picofarad
Code
KEMET ID
1st Digit = year
2nd & 3rd digits =
Week
Rated
Voltage
476
6K
424
Tape & Reel Packaging
Case Codes
Tape & Reel Dimensions
KEMET
EIA
Tape
Width
mm
Pitch
mm ± 0.1
Reel Quantity
Part
Spro-
cket
180mm
(7” dia.)
330mm
(13” dia.)
V
7343-20 12 ± 0.3
8
4
1000
3000
D
7343-31 12 ± 0.3
8
4
500
2500
X
7343-43 12 ± 0.3
8
4
500
2000
KEMET/EIA Size
Code
Pad Dimensions
Z
G
X
Y (Ref)
C (Ref)
D/7343-31, V/7343-20
X/7343-43
8.90
3.80
2.70
2.55
6.35
Sn-Pb Profile
Series
Case Size
Typical Weight
(mg)
A700
V/7343-20
120
A700
D/7343-31
190
A700
X/7343-43
260
Aluminum Component Weights
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
Performance Characteristics
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (Seconds)
60 Sec.
45 Sec.
45 Sec.
5 Sec.
95 Sec.
90 Sec.
Sn-Pb Profile
63


Similar Part No. - A700X277M002ATE012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
A700X277M0004AT TI-A700X277M0004AT Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
A700X277M0004AT TI1-A700X277M0004AT Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - A700X277M002ATE012

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com