Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A700V157M002ATE018 Datasheet(PDF) 9 Page - Kemet Corporation

Part # A700V157M002ATE018
Description  ALUMINUM ORGANIC CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A700V157M002ATE018 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button A700V157M002ATE018 Datasheet HTML 4Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 5Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 6Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 7Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 8Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 9Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 10Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 11Page - Kemet Corporation A700V157M002ATE018 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
ALUMINUM ORGANIC CAPACITORS
A700 Series
A700 RATINGS & PART NUMBER REFERENCE
66
685M016ATE070
V/7343-20
6.8
4.3 µA
6%
70
1.9
A700V825M016ATE070
V/7343-20
8.2
5.2 µA
6%
45
2.4
12.5 Volt Rating @ 125°C
16 Volt Rating @ 125°C
8 Volt Rating @ 125°C
10 Volt Rating @ 125°C
KEMET Part Number
Case Size
Cap
µF
DCL
@VR
DF @
120 Hz
ESR
100 kHz
(m
Ω)
Ripple Current
(Arms) @ 100kHz
w/
ΔT=+20°C @
-55°C to 125°C
A700V226M006ATE028
V/7343-20
22.0
5.5 µA
6%
28
3.1
A700V226M006ATE045
V/7343-20
22.0
5.5 µA
6%
45
2.4
A700V336M006ATE018
V/7343-20
33.0
8.3 µA
6%
18
3.9
A700V336M006ATE025
V/7343-20
33.0
8.3 µA
6%
25
3.3
A700V336M006ATE028
V/7343-20
33.0
8.3 µA
6%
28
3.1
A700V476M006ATE018
V/7343-20
47.0
11.8 µA
6%
18
3.9
A700V476M006ATE025
V/7343-20
47.0
11.8 µA
6%
25
3.3
A700V476M006ATE028
V/7343-20
47.0
11.8 µA
6%
28
3.1
A700V566M006ATE018
V/7343-20
56.0
14.1 µA
6%
18
3.9
A700V566M006ATE025
V/7343-20
56.0
14.1 µA
6%
25
3.3
A700V566M006ATE028
V/7343-20
56.0
14.1 µA
6%
28
3.1
A700V686M006ATE018
V/7343-20
68.0
17.1 µA
6%
18
3.9
A700V686M006ATE025
V/7343-20
68.0
17.1 µA
6%
25
3.3
A700V686M006ATE028
V/7343-20
68.0
17.1 µA
6%
28
3.1
A700V826M006ATE018
V/7343-20
82.0
20.7 µA
6%
18
3.9
A700V826M006ATE025
V/7343-20
82.0
20.7 µA
6%
25
3.3
A700V826M006ATE028
V/7343-20
82.0
20.7 µA
6%
28
3.1
A700D107M006ATE015
D/7343-31
100.0
25.2 µA
6%
15
4.1
A700D107M006ATE018
D/7343-31
100.0
25.2 µA
6%
18
3.7
A700D127M006ATE012
D/7343-31
120.0
30.2 µA
6%
12
4.6
A700D127M006ATE015
D/7343-31
120.0
30.2 µA
6%
15
4.1
A700D127M006ATE018
D/7343-31
120.0
30.2 µA
6%
18
3.7
A700X157M006ATE010
X/7343-43
150.0
37.8 µA
6%
10
4.7
A700X157M006ATE012
X/7343-43
150.0
37.8µA
6%
12
4.3
A700X157M006ATE015
X/7343-43
150.0
37.8 µA
6%
15
3.9
A700X187M006ATE010
X/7343-43
180.0
45.4 µA
6%
10
4.7
A700X187M006ATE015
X/7343-43
180.0
45.4 µA
6%
15
3.9
A700X227M006ATE015
X/7343-43
220.0
55.4 µA
6%
15
3.9
A700V226M008ATE028
V/7343-20
22.0
7.0 µA
6%
28
3.1
A700V226M008ATE045
V/7343-20
22.0
7.0 µA
6%
45
2.4
A700V336M008ATE018
V/7343-20
33.0
10.6 µA
6%
18
3.9
A700V336M008ATE025
V/7343-20
33.0
10.6 µA
6%
25
3.3
A700V336M008ATE028
V/7343-20
33.0
10.6 µA
6%
28
3.1
A700D566M008ATE015
D/7343-31
56.0
17.9 µA
6%
15
4.1
A700D566M008ATE018
D/7343-31
56.0
17.9 µA
6%
18
3.7
A700D686M008ATE015
D/7343-31
68.0
21.8 µA
6%
15
4.1
A700D686M008ATE018
D/7343-31
68.0
21.8 µA
6%
18
3.7
A700X107M008ATE010
X/7343-43
100.0
32.0 µA
6%
10
4.7
A700X107M008ATE012
X/7343-43
100.0
32.0 µA
6%
12
4.3
A700X107M008ATE015
X/7343-43
100.0
32.0 µA
6%
15
3.9
A700V226M010ATE028
V/7343-20
22.0
8.8 µA
6%
28
3.1
A700V336M010ATE018
V/7343-20
33.0
13.2 µA
6%
18
3.9
A700V336M010ATE025
V/7343-20
33.0
13.2 µA
6%
25
3.3
A700V336M010ATE028
V/7343-20
33.0
13.2µA
6%
28
3.1
A700D566M010ATE015
D/7343-31
56.0
22.4 µA
6%
15
4.1
A700D566M010ATE018
D/7343-31
56.0
22.4 µA
6%
18
3.7
A700D686M010ATE015
D/7343-31
68.0
27.2 µA
6%
15
4.1
A700D686M010ATE018
D/7343-31
68.0
27.2 µA
6%
18
3.7
A700X107M010ATE010
X/7343-43
100.0
40.0 µA
6%
10
4.7
A700X107M010ATE015
X/7343-43
100.0
40.0 µA
6%
15
3.9
A700X127M010ATE010
X/7343-43
120.0
48.0 µA
6%
10
4.7
A700X127M010ATE015
X/7343-43
120.0
48.0 µA
6%
15
3.9
A700X157M010ATE010
X/7343-43
150.0
60.0 µA
6%
10
4.7
A700X157M010ATE015
X/7343-43
150.0
60.0 µA
6%
15
3.9
A700V106M12RATE060
V/7343-20
10.0
5.0 µA
6%
60
2.1
A700V156M12RATE040
V/7343-20
15.0
7.5 µA
6%
40
2.6
A700V226M12RATE030
V/7343-20
22.0
11.0 µA
6%
30
3.0
A700V685M016ATE070
V/7343-20
6.8
4.3 µA
6%
70
1.9
A700V825M016ATE070
V/7343-20
8.2
5.2 µA
6%
70
2.4
12.5 Volt Rating @ 125°C
16 Volt Rating @ 125°C
8 Volt Rating @ 125°C
10 Volt Rating @ 125°C
6.3 Volt Rating @ 125°C


Similar Part No. - A700V157M002ATE018

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A700V156M016ATE040 KEMET-A700V156M016ATE040 Datasheet
59Kb / 1P
   A700, Polymer Aluminum, 15 uF, 20%, 16 VDC, -55/125째C, Height Max = 2mm
3/01/2022
More results

Similar Description - A700V157M002ATE018

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
   KEMET Organic Capacitor
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
   Organic Solvent Vapors
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
   Industrial Organic Chemical Sensor
October 25, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com