Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE100CA Datasheet(PDF) 4 Page - Comchip Technology

Part # P4KE100CA
Description  400W Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE100CA Datasheet(HTML) 4 Page - Comchip Technology

  P4KE100CA Datasheet HTML 1Page - Comchip Technology P4KE100CA Datasheet HTML 2Page - Comchip Technology P4KE100CA Datasheet HTML 3Page - Comchip Technology P4KE100CA Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
“-G” suffix designates RoHS compliant Version
400W Transient Voltage Suppressor
FIG.5 - PULSE WAVEFORM
0
0
1.0
4.0
T, TIME (ms)
50
100
3.0
2.0
Peak value (IRSM)
TR=10us
Half value=
IRSM
2
TJ =25
o
C
TP
Pluse width(TP)is defined
as that point where the
peak current decays to 50%
of IRSM
10 X 1000 waveform as
defined by R.E.A.
FIG.1 - PULSE DERATING CURVE
25
0
50
125
200
AMBIENT TEMPERATURE,
o
C
10 X 1000 WAVEFORM AS
DEFINED BY R.E.A.
50
75
100
175
150
100
75
25
0
FIG.4 - STEADY STATE POWER
DERATING CURVE
2
0
TL, LEAD TEMPERATURE
60HZ RESISTIVE OR
INDUCTIVE LOAD
4
6
8
10
50
125
200
175
150
100
75
25
0
FIG.2 - TYPICAL REVERSE CHARACTERISTICS
STAND-OFF VOLTAGE, VOLTS
1
100
1000
10000
10
1000
100
10
TJ=25
o
C
MEASURED AT
STAND-OFF VOLTAGE
FIG.3 - PULSE RATING CURVE
STAND-OFF VOLTAGE, VOLTS
0.1us
1.0
10
100
10us
1us
10ms
100us
1.0ms
0.1
TA=25
o
C
Non-repetive Pulse Waveform
Showen in Figure 5
RATINGS AND CHARACTERISTIC CURVES P4KE SERIES


Similar Part No. - P4KE100CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE100CA PANJIT-P4KE100CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
HY ELECTRONIC CORP.
P4KE100CA HY-P4KE100CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Littelfuse
P4KE100CA LITTELFUSE-P4KE100CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P4KE100CA LUGUANG-P4KE100CA Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Transys Electronics
P4KE100CA TRSYS-P4KE100CA Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE100CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com