Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45197A7157K406 Datasheet(PDF) 6 Page - Kemet Corporation

Part # B45197A7157K406
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A7157K406 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button B45197A7157K406 Datasheet HTML 2Page - Kemet Corporation B45197A7157K406 Datasheet HTML 3Page - Kemet Corporation B45197A7157K406 Datasheet HTML 4Page - Kemet Corporation B45197A7157K406 Datasheet HTML 5Page - Kemet Corporation B45197A7157K406 Datasheet HTML 6Page - Kemet Corporation B45197A7157K406 Datasheet HTML 7Page - Kemet Corporation B45197A7157K406 Datasheet HTML 8Page - Kemet Corporation B45197A7157K406 Datasheet HTML 9Page - Kemet Corporation B45197A7157K406 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Tantalum chip capacitors
B45
0
SpeedPower, Low ESR
Page 6 of 26
Please read Important notes and
Cautions and warnings at the end of this document.
VR (VDC)
2.5
4
6.3
10
16
20
25
35
50
CR (µF)
0.15
A(15000)
0.22
A(13000)
0.33
A(10000)
A(6000* 7000)
0.47
A(7000)
B(4000* 7000)
B(2500)
0.68
A(6000)
A(6000)
A(4000..6000)
B(2500)
1.0
A(5000)
A(3000*..5000) A(4000*..5000) A(3000)
B(2000)
C(1600)
1.5
A(5000)
A(5000)
A(4500)
A(3000*..4000)
B(1500)
A(2000*)
B(2000)
C(1500)
2.2
A(5000)
A(5000)
A(5000)
A(1800*..2000) A(1800*..2500) A(3000)
B(1500)
A(3500)
B(900*..1200)
A(1500*)
B(750*..2000)
3.3
A(3000)
A(3000)
A(3000)
A(2000)
A(3000)
B(2000)
A(2500)
B(1300)
A(1500*)
B(750*..1200)
B(1000)
C(550)
4.7
A(3500)
A(3500)
A(3500)
A(1400*..2000)
B(1500)
A(2000)
B(800*..1500)
A(1800..2000)
B(750..1000)
B(700*..1000)
C(530)
B(700*..1000*)
C(500)
D(300)
D(300)
6.8
A(2000)
A(2000)
A(1800*..2000) A(1800*..2000)
B(1200)
A(1500)
B(600*..1200)
A(2000*)
B(600*..1000)
C(480)
B(700..1000)
C(500)
C(350)
D(150*..300)
E(300)
D(300..400)
E(300)
10
A(2000)
A(2000)
A(800*..2000)
B(1000)
A(900*..2000)
B(600*..1200)
C(400)
A(1700*..2500)
B(500*..800)
C(450)
B(500*..1000)
C(450)
B(750*)
C(300..450)
C(400)
D(130*..260)
E(200..260)
E(300)
15
A(2000)
A(1500..2000 A(700*..2000)
B(700)
A(1000*..1800)
B(450*..900)
C(400)
A(2500*)
B(500*..800)
C(400)
B(500*)
C(400)
C(300)
D(230)
C(350*)
D(100*..260)
E(250..260)
E(250*..300)
22
A(1500)
A(1500)
C(380)
A(500*..1500)
B(380*..500)
C(380)
A(1500)
B(400*..800)
C(300*..380)
B(400..700)
C(250..350)
C(200)
D(200)
C(280)
D(200..230)
E(230)
D(200..260)
E(130*..260)
33
A(1000)
A(1000)
C(300)
A(600*..1000)
B(250*..600)
C(300..350)
A(1500*)
B(250*..650)
C(300..380)
B(350*)
C(230..300)
D(200)
C(200)
D(200)
E(200)
D(100*..230)
E(100*..200)
D(200*)
E(100*..260)
47
A(500*..750)
C(250)
A(2000*)
B(250*..500)
C(250..330)
B(250*..650)
C(300)
D(100..200)
C(300)
D(80*..180)
D(100*..250)
E(70*..150)
D(100*..250)
E(80*..200)
E(200*..230)
68
A(3000*)
C(150)
B(250*..500)
C(150..400)
D(180)
B(250*..350*)
C(200..250)
D(100..150)
C(180..250)
D(70*..150)
E(150)
D(70*..300)
E(130..200)
E(130*..200)
100
B(300)
A(3000*)
B(250*..300)
C(150)
B(250*..300)
C(150)
D(130)
B(700*)
C(100*..250)
D(50*..100)
E(100)
C(200*)
D(60*..150)
E(55*..100)
D(200*)
E(100*..150)
150
B(250*)
C(200)
D(100)
B(700*)
C(150*..200)
D(50*..100)
E(100)
C(200*)
D(50*..100)
E(100)
D(100*..150)
E(50*..100)
220
B(500*)
C(100)
D(100)
C(100*..200)
D(50*..100)
E(80..100)
D(50*..100)
E(50*..100)
D(220*)
E(80*..100)
330
C(100*)
D(100)
E(100)
C(200*)
D(45*..100)
E(50*..100)
D(100..150)
E(40*..100)
E(100*)
470
D(100)
E(60)
D(100..150)
E(45*..100)
D(150*)
E(50*..100)
680
D(100*)
E(40*..60*)
D(150*)
E(45*..100)
E(100*)
1000
E(60*..100*) E(100*)


Similar Part No. - B45197A7157K406

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A KEMET-B45197A Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A2477K509 KEMET-B45197A2477K509 Datasheet
38Kb / 1P
   Capacitor, tantalum, 470 uF, 10per Tol, 10V 85C, E
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results

Similar Description - B45197A7157K406

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com