Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXY8040A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXY8040A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8040A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXY8040A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Sensors
Freescale Semiconductor
5
MPXY8000
An analog to digital (A/D) conversion can be accomplished
with eight (8) different threshold levels in a successive
approximation algorithm; or the OUT pin can be set to trip at
some alarm level. The voltage on the sample capacitor will
maintain long enough for a single 8-bit conversion, but may
need to be refreshed with a new measured reading if the read
interval is longer than the specified hold time, tSH.
The counter that determines the number of clock pulses
into the device is reset whenever the device is placed into the
Measure Pressure or Measure Temperature Modes. This
provides a means to reset the data transfer count in case the
clock stream is corrupted during a transmission. In these two
modes the DATA and CLK pins should not be clocked to
reduce noise in the captured pressure or temperature data.
Any change in the DAR contents should be done during the
Standby or Output Read Modes.
Both the serial bit counter and the state of the DAR are
undefined following power up of the device. The serial bit
counter can be reset by cycling either the SO pin or the
S1/VPP pin to a high level and then back low. The DAR can
then be reset to the lowest level by holding the DATA pin low
while bursting the CLK pin with eight (8) clock pulses.
Figure 5. Serial Data Timing
Pressure Sensor Output
The pressure channel compares the output of its analog
measurement circuit to the D/A reference voltage. The device
is calibrated at two different nominal values depending on the
calibration option.
Temperature Sensor Output
The temperature channel compares the output of a
positive temperature coefficient (PTC) resistor driven by a
switched current source. The current source is only active
when the temperature channel is selected.
APPLICATIONS
Suggested application example is shown in Figure 6.
Figure 6. Application Example
CLK
Data
Serial Data
DAR Load *
DAR *
(*) Denotes Internal Signal
12
3
4
5
6
7
8
MSB
MSB
Data
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
LSB
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
LSB
+
3.0 V
0.1
µF
MPXY8000
Series
Sensor
VDD
VSS
Optional
State Machine
or MCU
RF
Transmitter
S1
S0
CLK
RST
OUT
Data
Motion
Sense


Similar Part No. - MPXY8040A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8040A MOTOROLA-MPXY8040A Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8040A6T1 MOTOROLA-MPXY8040A6T1 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8040A6U MOTOROLA-MPXY8040A6U Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
More results

Similar Description - MPXY8040A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com