Electronic Components Datasheet Search |
|
SZ5U1R5J006B2 Datasheet(PDF) 6 Page - Sharma Electro Components,Inc |
|
SZ5U1R5J006B2 Datasheet(HTML) 6 Page - Sharma Electro Components,Inc |
6 / 12 page SY5V Series APPLICATION: FEATURES: GENERAL SPECIFICATIONS: The SY5V series has a relatively high K • High capacitance values Operating temperature: -30 to +85 °C temperature compensating type of capaci- Temperature coefficient: -82% to +22% value tance dielectric. The electrical properties • Miniature size change over operating temperature can vary widely under changing temperature, Capacitance tolerance: ±20% standard, voltage, and time conditions. They are • Low and high voltage options -20%/ +80% optional suitable for all general purpose applications Capacitance range: 2200pF to 10uF where higher capacitance values are required. • Available in bulk and tape & reel Voltage range: 10V to 500V DC Best when used in non-critical, room temper- packaging Dielectric withstanding voltage: 2 times ature stable conditions with low DC bias. the working VDC for 5 seconds Suitable for de-coupling applications in stable • Low cost for high capacitance Case code range: 0402 to 3035 temperature conditions. • Consistent dimensions and surface finish Note: See Reliability and Test Conditions page for more specifications • Nickel barrier terminations Y5V DIELECTRIC CAPACITANCE RANGE Tolerance: (M) standard Optional: (Z) Voltage(DC) 0402 0603 0805 1206 1210 1808 1812 2220 2225 3012 3035 6.3V 10V .01-.1uF .27-1uF .27-3.3uF 16V .01-.1uF .27-1uF .27-3.3uF .27-6.8uF .1-10uF 25V .01-.056uF .047-.47uF .01-2.2uF .01-3.3uF .1-10uF .15-3.3uF .68-4.7uF 1-10uF 50V .01-..033uF .01-.22uF .01-.68uF .01-2.2uF .1-3.3uF .15-2.2uF .68-3.3uF 1-6.8uF 100V 2200pF-.068uF .01-.22uF 4700pF-1uF .22-2.2uF .01-.82uF .01-2.2uF .01-2uF 6800pF-1.5uF 200V 4700pF-.068uF .01-.056uF .01-.47uF .01-.39uF 4700pF-.39uF .01-.47uF .01-.68uF 6800pF-1uF 250V .01-.056uF .01-.47uF .01-.39uF 4700pF-.39uF .01-.47uF .01-.68uF 6800pF-1uF 500V .012-.047uF 1KV 2KV 3KV 4KV Note: Extended capacitance range values, optional case codes, special tolerances may be available based on factory approval. Voltage/Case Code Options FIGURE 3.1 FIGURE 3.2 FIGURE 3.3 FIGURE 3.4 Y5V Characteristic Graphs Sharma Ceramic Capacitors Page 6 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 The temperature coefficient characteristics of Y5V is illustrated in Figure 3.1. Figure 3.2 illustrates the variation pattern of Dissipation Factor with respect to temperature. The DC Voltage coefficient and aging pattern are illustrated in Figure 3.3 and 3.4 respectively. |
Similar Part No. - SZ5U1R5J006B2 |
|
Similar Description - SZ5U1R5J006B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |