Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45197A0157M406 Datasheet(PDF) 11 Page - Kemet Corporation

Part # B45197A0157M406
Description  SpeedPower, Low ESR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

B45197A0157M406 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button B45197A0157M406 Datasheet HTML 7Page - Kemet Corporation B45197A0157M406 Datasheet HTML 8Page - Kemet Corporation B45197A0157M406 Datasheet HTML 9Page - Kemet Corporation B45197A0157M406 Datasheet HTML 10Page - Kemet Corporation B45197A0157M406 Datasheet HTML 11Page - Kemet Corporation B45197A0157M406 Datasheet HTML 12Page - Kemet Corporation B45197A0157M406 Datasheet HTML 13Page - Kemet Corporation B45197A0157M406 Datasheet HTML 14Page - Kemet Corporation B45197A0157M406 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical data and ordering codes
CR
(20
°C,
120 Hz)
µF
Case size
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
ESRmax
(20
°C,
100 kHz)
m
IAC,max
(20
°C,
100 kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
VR (up to 85
°C) = 2.5 VDC, V
R (up to 125
°C) = 1.7 VDC
2.2
A
6
0.5
5000
0.12
B45002A225*+508
3.3
A
6
0.5
3000
0.16
B45002A335*+308
4.7
A
6
0.5
3500
0.15
B45002A475*+358
6.8
A
6
0.5
2000
0.19
B45002A685*+208
10
A
6
0.5
2000
0.19
B45002A106*+208
15
A
6
0.5
2000
0.19
B45002A156*+208
22
A
8
0.6
1500
0.22
B45002A226*+158
33
A
10
0.8
1000
0.27
B45002A336*+108
100
B
8
2.5
300
0.53
B45002B107*+307
VR (up to 85
°C) = 4 VDC, V
R (up to 125
°C) = 2.5 VDC
2.2
A
6
0.5
5000
0.12
B45004A225*+508
3.3
A
6
0.5
3000
0.16
B45004A335*+308
4.7
A
6
0.5
3500
0.15
B45004A475*+358
6.8
A
6
0.5
2000
0.19
B45004A685*+208
10
A
6
0.5
2000
0.19
B45004A106*+208
15
A
6
0.6
1500
0.22
B45004A156*+158
15
A
6
0.6
2000
0.19
B45004A156*+208
22
A
8
0.9
1500
0.22
B45004A226*+158
22
C
6
0.9
380
0.54
B45004C226*+387
33
A
10
1.3
1000
0.27
B45004A336*+108
33
C
6
1.3
300
0.61
B45004C336*+307
47
A
10
1.9
500
0.39
B45004A476*+507 q
47
A
10
1.9
750
0.32
B45004A476*+757
47
C
6
1.9
250
0.66
B45004C476*+257
68
A
30
2.7
3000
0.16
B45004A686*M308 q
68
C
6
2.7
150
0.86
B45004C686*+157
100
A
30
4.0
3000
0.16
B45004A107*M308 q
100
B
8
4.0
250
0.58
B45004B107*+257 q
100
B
8
4.0
300
0.53
B45004B107*+307
100
C
8
4.0
150
0.86
B45004C107*+157
150
B
10
6.0
250
0.58
B45004B157*+257 q
150
C
8
6.0
200
0.74
B45004C157*+207
Tantalum chip capacitors
B45197A, B45198R, B450, B451
SpeedPower, Low ESR
Page 11 of 26
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45197A0157M406

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45197A KEMET-B45197A Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A-R KEMET-B45197A-R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45197A2477K509 KEMET-B45197A2477K509 Datasheet
38Kb / 1P
   Capacitor, tantalum, 470 uF, 10per Tol, 10V 85C, E
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results

Similar Description - B45197A0157M406

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com