Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX4200A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX4200A
Description  Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4200A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX4200A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4200A Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sensors
4
Freescale Semiconductor
MPX4200A
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
Figure 2. Cross Sectional Diagram (not to scale)
Figure 3. Recommended Power Supply
Decoupling and Output Filtering
(For additional output filtering, please refer to
Application Note AN1646)
Figure 4. Output versus Absolute Pressure
Figure 2 illustrates the absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor
diaphragm. The MPX4200A series pressure sensor
operating characteristics, and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects on
sensor performance and long-term reliability. Contact the
factory for information regarding media compatibility in your
application.
Figure 3 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 4 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over temperature range of
0° to 85°C. The output will saturate outside of the specified
pressure range.
Stainless Steel
Metal Cover
Epoxy Case
RTV Die Bond
P2
Sealed Vacuum Reference
Lead Frame
Wire Bond
Die
P1
Silicone
Die Coat
+5 V
1.0 µF
0.01 µF
470 pF
GND
Vs
Vout
IPS
Output
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TYP
MIN
MAX
Transfer Function:
Vout = Vs* (0.005 x P-0.04) ± Error
VS = 5.1 Vdc
Temperature = 0 to 85°C


Similar Part No. - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4200A MOTOROLA-MPX4200A Datasheet
142Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
logo
NXP Semiconductors
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
logo
Motorola, Inc
MPX4200AP MOTOROLA-MPX4200AP Datasheet
142Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4200AS MOTOROLA-MPX4200AS Datasheet
142Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4200ASX MOTOROLA-MPX4200ASX Datasheet
142Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
More results

Similar Description - MPX4200A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
logo
Freescale Semiconductor...
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
MPXAZ4115A FREESCALE-MPXAZ4115A Datasheet
286Kb / 7P
   MEDIA RESISTANT, INTEGRATED SILICON PRESSURE SENSOR FOR MANIFOLD ABSOLUTE PRESSURE, ALTIMETER OR BAROMETER APPLICATIONS ON-CHIP SIGNAL CONDITIONED, TE
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com