Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX2202GP Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPX2202GP
Description  200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2202GP Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPX2202GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX2202GP Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGE DIMENSIONS
CASE 1351-01
ISSUE A
SMALL OUTLINE PACKAGE
MPX2202
Sensors
Freescale Semiconductor
7


Similar Part No. - MPX2202GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2202GP MOTOROLA-MPX2202GP Datasheet
6Mb / 670P
   Sensor
MPX2202GP MOTOROLA-MPX2202GP Datasheet
319Kb / 12P
   200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPX2202GP FREESCALE-MPX2202GP Datasheet
356Kb / 18P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202GP FREESCALE-MPX2202GP Datasheet
342Kb / 19P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2202GP NXP-MPX2202GP Datasheet
412Kb / 19P
   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 8, 10/2012
More results

Similar Description - MPX2202GP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX2200 FREESCALE-MPX2200 Datasheet
207Kb / 8P
   200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050 Datasheet
304Kb / 8P
   50kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100 Datasheet
307Kb / 8P
   100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
   50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
   100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com