Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX12 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX12
Description  10 kPa Uncompensated Silicon Pressure Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX12 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX12 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPX12
Sensors
Freescale Semiconductor
5
Figure 4. Unibody Package — Cross-Sectional Diagram (not to scale)
Figure 4 illustrates the differential or gauge configuration
in the basic chip carrier (Case 344). A silicone gel isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX12 series pressure sensor operating
characteristics and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media
other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application/
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Freescale MPX
pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table
Silicone
Die Coat
Die
P1
P2
Wire Bond
Lead Frame
RTV Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover
Part Number
Case Type
Pressure (P1) Side Identifier
MPX12D
344
Stainless Steel Cap
MPX12DP
344C
Side with Part Marking
MPX12GP
344B
Side with Port Attached


Similar Part No. - MPX12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Motorola, Inc
MPX12D MOTOROLA-MPX12D Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12D MOTOROLA-MPX12D Datasheet
6Mb / 670P
   Sensor
More results

Similar Description - MPX12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com