Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5A60-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SR5A60-G
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR5A60-G Datasheet(HTML) 1 Page - Comchip Technology

  SR5A60-G Datasheet HTML 1Page - Comchip Technology SR5A60-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Parameter
Max. Recurrent Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Max. Average Forward Rectified Current (Tc=95oC)
Max. Instantaneous Forward Voltage at 5.0A
Max. DC Reverse Current @Tj = 25oC
At Rated DC Blocking Voltage @Tj = 100oC
Typocal junction Capacitance (Note1)
Max. Operating Junction Temperature
Storage Temperature
Peak Surge Forward Current
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
V
DC
m
A
p
F
V
RMS
I
FSM
I(AV)
VRRM
100
5.0
1.0
30
350
0.65
0.85
0.75
0.55
-55 to +150
-55 to +125
V
V
A
A
V
V
oC
oC
www.comchiptech.com
Unit
Symbol
SR5A20-G
20
14
20
SR5A40-G
40
28
40
SR5A60-G
60
42
60
SR5A80-G
80
56
80
SR5A100-G
100
70
100
VF
IR
Tj
TSTG
CJ
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Case: TO-220AC molded plastic
Epoxy: UL94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202,
method 208
Polarity: Color band denotes cathode end
Mounting position: Any
Approx. Weight: 2.03 grams
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Low forward voltage drop
High current capability
High reliability
High surge current capability
Features:
Reverse Voltage: 20 ~ 100 Volts
Current: 5.0 Amp
SR5A20-G Thru SR5A100-G
Schottky Barrier Rectifiers
Note1: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Dimensions in inches and (millimeters)
TO-220AC
1
2
MAX.412(10.5)
.06(1.52 )
.05(1.27 )
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
.037(0.94)
.027(0.68)
DIA
.205(5.20)
.195(4.95)
.154(3.91)
.148(3.74)
PIN
12
.185(4.70)
.175(4.44)
.11(2.79)
.10(2.54 )
.025(0.64)
.014(0.35)
.055(1.40 )
.045(1.14 )


Similar Part No. - SR5A60-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SR5A60F-G COMCHIP-SR5A60F-G Datasheet
51Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - SR5A60-G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com